Electronic Components Datasheet Search |
|
489D686X06R3D2CE3 Datasheet(PDF) 7 Page - Vishay Siliconix |
|
489D686X06R3D2CE3 Datasheet(HTML) 7 Page - Vishay Siliconix |
7 / 9 page 489D, 499D Vishay Sprague Resin-Coated, Radial-Lead Solid Tantalum Capacitors www.vishay.com For technical questions, contact: eurotant@vishay.com Document Number: 42070 7 Revision: 12-Jun-06 GUIDE TO APPLICATION 1. A-C Ripple Current: The maximum allowable ripple current shall be determined from the formula: where, P = Power Dissipation in Watts at + 25 °C as given below RESR = The capacitor Equivalent Series Resistance at the specified frequency. 2. A-C Ripple Voltage: The maximum allowable ripple voltage shall be determined from the formula: where, Z = The capacitor Impedance at the specified frequency. 3. AC ripple current or voltage derating factor: If these capacitors are to be operated at temperatures above + 25 °C, the permissible rms ripple current or voltage shall be calculated using the derating factors in the table below: 4. Power dissipation: Power dissipation will be affected by the heat sinking capability of the mounting surface. Non-sinusoidal ripple current may produce heating effects which differ from those shown in the following table. It is important that the equivalent IRMS value be established when calculating permissible operating levels. 5. Cleaning: These capacitors are compatible with all commonly used solvents, such as TES, TMS, Prelete and Chloretane. Solvents containing methylene chloride or other epoxy solvents should be avoided since these will attack the epoxy encapsulation material. TEMPERATURE DERATING FACTOR + 25 °C 1.0 + 55 °C 0.9 + 85 °C 0.8 + 125 °C 0.4 I rms P R ESR ---------------- = V rms P R ESR ----------------- Z × = CASE CODE POWER DISSIPATION AT + 25 °C (WATTS) A 0.080 B 0.090 C 0.100 D 0.110 E 0.120 F 0.130 H 0.140 M 0.150 N 0.160 R 0.180 |
Similar Part No. - 489D686X06R3D2CE3 |
|
Similar Description - 489D686X06R3D2CE3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |