Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9963 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9963
Description  10-/12-Bit, Low Power, Broadband MxFE
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9963 Datasheet HTML 4Page - Analog Devices AD9963 Datasheet HTML 5Page - Analog Devices AD9963 Datasheet HTML 6Page - Analog Devices AD9963 Datasheet HTML 7Page - Analog Devices AD9963 Datasheet HTML 8Page - Analog Devices AD9963 Datasheet HTML 9Page - Analog Devices AD9963 Datasheet HTML 10Page - Analog Devices AD9963 Datasheet HTML 11Page - Analog Devices AD9963 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 8 of 60
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
With
Respect to
Rating
RX33V, AUX33V
RXGND
−0.3 V to +3.9 V
TXVDD
TXGND
−0.3 V to +3.9 V
DRVDD
DGND
−0.3 V to +3.9 V
CLK33V
EPAD
−0.3 V to +3.9 V
RX18V, RX18VF
RXGND
−0.3 to +2.1 V
DVDD18V
EPAD
−0.3 to +2.1 V
CLK18V, DLL18V
EPAD
−0.3 to +2.1 V
RXGND, TXGND, DGND,
EPAD
−0.3 V to +0.3 V
TXIP, TXIN, TXQP, TXQN
TXGND
−1.0 V to TXVDD +
0.3 V
RXIP, RXIN, RXQP, RXQN
RXGND
−0.3 V to RX18V +
0.3 V
CS, SCLK, SDIO, RESET,
LDO_EN
DGND
−0.3V to DRVDD +
0.3 V
TRXD[11:0], TXD[11:0], TXIQ,
TRXIQ, TXCLK, TRXCLK
DGND
−0.3 V to DRVDD +
0.3 V
CLKP, CLKN
EPAD
−0.3 V to CLK33V +
0.3 V
Junction Temperature
+125°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The exposed paddle must be soldered to the ground plane for
the LFCSP package. Soldering the exposed paddle to the
customer board increases the reliability of the solder joints,
maximizing the thermal capability of the package.
Table 7. Thermal Resistance
Airflow
θ
JA
θ
JB
θ
JC
Unit
1 m/sec
17.1
10.6
1.0
°C/W
0 m/sec
20.3
°C/W
Typical θJA, θJB, and θJC are specified for a JEDEC standard 51-7
High-κ thermal test board. Airflow increases heat dissipation,
effectively reducing θJA. In addition, metal in direct contact with
the package leads from metal traces, through holes, ground, and
power planes, reduces the θJA.
ESD CAUTION


Similar Part No. - AD9963

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9963 AD-AD9963 Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
AD9963-EBZ AD-AD9963-EBZ Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
AD9963BCPZ AD-AD9963BCPZ Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
AD9963BCPZRL AD-AD9963BCPZRL Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
More results

Similar Description - AD9963

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9961 AD-AD9961 Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
logo
Maxim Integrated Produc...
MAX1213N MAXIM-MAX1213N Datasheet
790Kb / 21P
   1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1215N MAXIM-MAX1215N Datasheet
395Kb / 21P
   1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
logo
Analog Devices
AD9862BSTZ AD-AD9862BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
logo
Linear Technology
LTC1852 LINER-LTC1852_15 Datasheet
245Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com