Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GR7312B11H102KA01D Datasheet(PDF) 82 Page - Murata Manufacturing Co., Ltd.

Part # GR7312B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GR7312B11H102KA01D Datasheet(HTML) 82 Page - Murata Manufacturing Co., Ltd.

Back Button GR7312B11H102KA01D Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. GR7312B11H102KA01D Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. GR7312B11H102KA01D Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. GR7312B11H102KA01D Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. GR7312B11H102KA01D Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. GR7312B11H102KA01D Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. GR7312B11H102KA01D Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. GR7312B11H102KA01D Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. GR7312B11H102KA01D Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 221 page
background image
80
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
* Please refer to LLL/LLR/LLA/LLM Series Specifications and Test Method (2).
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
50(
1H)
LLL317R71H103MA01L
LLL317R71H223MA01L
LLL317R71H473MA01L
LLL31MR71H104MA01L
25(
1E)
LLL317R71E104MA01L
LLL31MR71E224MA01L
LLL31MR71E474MA01L
16(
1C)
LLL317R71C224MA01L
LLL317R71C474MA01L
LLL31MR71C105MA01L
10(
1A)
LLL317R71A105MA01L
LLL31MR71A225MA01L
1.6x3.2(
31)<0612>
10000pF(
103)
22000pF(
223)
47000pF(
473)
0.10
µF(104)
0.22
µF(224)
0.47
µF(474)
1.0
µF(105)
2.2
µF(225)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
6.3(
0J)
LLL317R70J225MA01L
LLL31MR70J475MA01L
LLL31MR60J106ME01L*
1.6x3.2(
31)<0612>
2.2
µF(225)
4.7
µF(475)
10
µF(106)
±20%(M)
±20%(M)
±20%(M)
Reversed Geometry Low ESL Type X7R(R7)/X5R(R6) Characteristics
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
25(
1E)
LLL185R71E103MA11L
16(
1C)
LLL185R71C223MA11L
LLL185R71C473MA11L
10(
1A)
LLL185R71A104MA11L
4(
0G)
LLL185C70G224MA11L
0.8x1.6(
18)<0306>
10000pF(
103)
22000pF(
223)
47000pF(
473)
0.10
µF(104)
0.22
µF(224)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
50(
1H)
LLL215R71H103MA11L
25(
1E)
LLL215R71E223MA11L
16(
1C)
LLL215R71C473MA11L
LLL215R71C104MA11L
10(
1A)
LLL215R71A224MA11L
1.25x2.0(
21)<0508>
10000pF(
103)
22000pF(
223)
47000pF(
473)
0.10
µF(104)
0.22
µF(224)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
±20%(M)
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
6.3(
0J)
LLL215R70J474MA11L
4(
0G)
LLL215C70G105MA11L
1.25x2.0(
21)<0508>
0.47
µF(474)
1.0
µF(105)
±20%(M)
±20%(M)
Reversed Geometry Low ESL Type X7R(R7)/X7S(C7) Characteristics-Low Profile
LL
L
31
7
R7
1H
103
M
A01
L
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20


Similar Part No. - GR7312B11H102KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GR731AW0BB153KW01 MURATA-GR731AW0BB153KW01 Datasheet
698Kb / 25P
   Chip Monolithic Ceramic Capacitor for flash in camera
GR731AW0BB223KW01 MURATA-GR731AW0BB223KW01 Datasheet
698Kb / 25P
   Chip Monolithic Ceramic Capacitor for flash in camera
GR731AW0BB273KW01 MURATA-GR731AW0BB273KW01 Datasheet
698Kb / 25P
   Chip Monolithic Ceramic Capacitor for flash in camera
GR731AW0BB333KW01 MURATA-GR731AW0BB333KW01 Datasheet
698Kb / 25P
   Chip Monolithic Ceramic Capacitor for flash in camera
GR731BW0BB223KW01 MURATA-GR731BW0BB223KW01 Datasheet
698Kb / 25P
   Chip Monolithic Ceramic Capacitor for flash in camera
More results

Similar Description - GR7312B11H102KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com