Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GR7312B11H102KA01D Datasheet(PDF) 62 Page - Murata Manufacturing Co., Ltd.

Part # GR7312B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GR7312B11H102KA01D Datasheet(HTML) 62 Page - Murata Manufacturing Co., Ltd.

Back Button GR7312B11H102KA01D Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. GR7312B11H102KA01D Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. GR7312B11H102KA01D Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. GR7312B11H102KA01D Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. GR7312B11H102KA01D Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. GR7312B11H102KA01D Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. GR7312B11H102KA01D Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. GR7312B11H102KA01D Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. GR7312B11H102KA01D Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 221 page
background image
Continued from the preceding page.
Apply 150%* of the rated voltage for 1000
±12 hours at the
maximum operating temperature
±3°C. Let sit for 24±2 hours at
room temperature, then measure.
The charge/discharge current is less than 50mA.
* Part Numbers with # have individual specification.
As for these Part Numbers, please refer to table A.
•Initial measurement
Perform a heat treatment at 150+0/–10
°C for one hour and
then let sit for 24
±2 hours at room temperature. Perform the
initial measurement.
•Measurement after test
Perform a heat treatment at 150+0/–10
°C for one hour and
then let sit for 24
±2 hours at room temperature, then measure.
17
Durability
Appearance
No defects or abnormalities
I.R.
More than 25
Ω · F
D.F.
B1, B3, R1, R6, R7, C6, C7, *C8, E7, D7, D8: 0.2 max.
F1, F5: 0.4 max.
*GRM319C81A106, GRM31MC81A106: 0.125 max.
Capacitance
Change
B1, B3, R1, *R6, R7, C6, C7, *C8, E7, D7, D8: Within
±12.5%
F1, F5: Within
±30%
*GRM188C8 0E/0G 106, GRM219R60G226: within
±15%
Apply the rated voltage at 40
±2°C and 90 to 95% humidity for
500
±12 hours. The charge/discharge current is less than 50mA.
•Initial measurement
Perform a heat treatment at 150+0/–10
°C for one hour and
then let sit for 24
±2 hours at room temperature. Perform the
initial measurement.
•Measurement after test
Perform a heat treatment at 150+0/–10
°C for one hour and
then let sit for 24
±2 hours at room temperature, then measure.
16
High
Temperature
High
Humidity
(Steady)
Appearance
No defects or abnormalities
I.R.
More than 12.5
Ω · F
D.F.
B1, B3, R1, R6, R7, C6, C7, *C8, E7, D7, D8: 0.2 max.
F1, F5: 0.4 max.
*GRM319C81A106, GRM31MC81A106: 0.125 max.
Capacitance
Change
B1, B3, R1, R6, R7, C6, C7, C8, E7, D7, D8: Within
±12.5%
F1, F5: Within
±30%
No.
Test Method
Specifications
Item
GRM Series Specifications and Test Methods (2) (Note 1)-Typical Inspection
Part Number
Dimension
L
ZW (mm)
1.0
Z0.5
1.0
Z0.5
1.6
Z0.8
2.0
Z1.25
3.2
Z1.6
3.2
Z1.6
GRM155C80J684KE15D
GRM155C80J684ME15D
GRM188C80G106ME47D
GRM21BC80J226ME51L
GRM319D71C475KA12D
GRM319D71C475MA12D
Temp. Char.
X6S
X6S
X6S
X6S
X7T
X7T
6.3
6.3
4
6.3
16
16
Capacitance
(F)
0.68
µ
0.68
µ
10
µ
22
µ
4.7
µ
4.7
µ
Cap. Tol
(%)
±10%
±20%
±20%
±20%
±10%
±20%
Spec. Test
Methods
(2)
(2)
(2)
(2)
(2)
(2)
Applied Testing
Voltage at Durability
Rated Volt.
Z100%
Rated Volt.
Z100%
Rated Volt.
Z100%
Rated Volt.
Z100%
Rated Volt.
Z100%
Rated Volt.
Z100%
Part Numbers of table A are designed for use in the
circuits where continuous applied voltage to the
capacitor is derated than rated voltage.
These Part Numbers guarantee Durability Test with
100% x rated voltage as testing voltage at the
maximum operating temperature.
The following voltage and temperature derating
conditions are recommended for use to ensure the
same reliability level as normal specification.
• Recommended Derating Conditions on Voltage and Temperature
Table A
0
20
0
40
60
80
100
120
25
50
75
100
Temperature at Product (
°C)
125
150
Product
for 125
°C
Product
for 105
°C
Product
for 85
°C
Rated Volt.
(Vdc)
GRM Series Specifications and Test Methods (2) (Note 1)-Typical Inspection
60
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
(Note 1) These Specifications and Test Methods indicate typical inspection.
Please refer to individual specifications (our product specifications or the approval sheet).
When no "*" is added in PNs table, please refer to GRM Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to GRM Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20


Similar Part No. - GR7312B11H102KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GR731AW0BB153KW01 MURATA-GR731AW0BB153KW01 Datasheet
698Kb / 25P
   Chip Monolithic Ceramic Capacitor for flash in camera
GR731AW0BB223KW01 MURATA-GR731AW0BB223KW01 Datasheet
698Kb / 25P
   Chip Monolithic Ceramic Capacitor for flash in camera
GR731AW0BB273KW01 MURATA-GR731AW0BB273KW01 Datasheet
698Kb / 25P
   Chip Monolithic Ceramic Capacitor for flash in camera
GR731AW0BB333KW01 MURATA-GR731AW0BB333KW01 Datasheet
698Kb / 25P
   Chip Monolithic Ceramic Capacitor for flash in camera
GR731BW0BB223KW01 MURATA-GR731BW0BB223KW01 Datasheet
698Kb / 25P
   Chip Monolithic Ceramic Capacitor for flash in camera
More results

Similar Description - GR7312B11H102KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com