Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGL40N150D Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SGL40N150D
Description  General Description
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGL40N150D Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SGL40N150D Datasheet HTML 1Page - Fairchild Semiconductor SGL40N150D Datasheet HTML 2Page - Fairchild Semiconductor SGL40N150D Datasheet HTML 3Page - Fairchild Semiconductor SGL40N150D Datasheet HTML 4Page - Fairchild Semiconductor SGL40N150D Datasheet HTML 5Page - Fairchild Semiconductor SGL40N150D Datasheet HTML 6Page - Fairchild Semiconductor SGL40N150D Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SGL40N150D Rev. A1
©2002 Fairchild Semiconductor Corporation
Fig 14. SOA Characteristics
Fig 13. Gate Charge Characteristics
Fig 15. Typical Trr vs. di/dt
Fig 16. Typical Trr vs. Forward Current
Fig 17. Reverse Current vs. Reverse Voltage
Fig 18. Typical Forward Voltage Drop
vs. Forward Current
0
12345678
9
10
30
60
90
120
150
180
210
240
270
300
200A/us
100A/us
di/dt = 50A/us
Forward Current, IF [A]
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
450
500
IF = 10A
di/dt [A/us]
300.0
600.0
900.0
1.2k
1.5k
1E-3
0.01
0.1
1
10
100
1000
100℃
T
C = 125
25℃
Reverse Voltage, V
R [V]
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
25℃
T
C =125
Instantaneous Voltage, V
F [V]
0.1
1
10
100
1000
0.01
0.1
1
10
100
Single Nonrepetitive
Pulse T
C = 25
oC
Curves must be derated
linearly with increase
in temperature
50
µs
100
µs
1ms
DC Operation
I
C
MAX (Pulsed)
I
C
MAX (Continuous)
Collector - Emitter Voltage, V
CE [V]
0
25
50
75
100
125
150
0
2
4
6
8
10
12
14
Common Emitter
R
L = 15, VCC = 600V
T
C = 25
oC
Gate Charge, Qg [nC]


Similar Part No. - SGL40N150D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGL40N150 FAIRCHILD-SGL40N150 Datasheet
351Kb / 7P
   General Description
More results

Similar Description - SGL40N150D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6205EM5-L-3-3 EXAR-SP6205EM5-L-3-3 Datasheet
1Mb / 14P
   GENERAL DESCRIPTION
logo
Fairchild Semiconductor
SGL40N150 FAIRCHILD-SGL40N150 Datasheet
351Kb / 7P
   General Description
SGR20N40L FAIRCHILD-SGR20N40L Datasheet
149Kb / 5P
   General Description
logo
Aplus Intergrated Circu...
AP778 APLUS-AP778 Datasheet
684Kb / 12P
   GENERAL DESCRIPTION
logo
First Silicon Co., Ltd
FTK0903D FS-FTK0903D Datasheet
1,018Kb / 5P
   General Description
logo
Taiwan Memory Technolog...
I709X TMT-I709X Datasheet
77Kb / 1P
   General Description
logo
Samsung semiconductor
KS7308 SAMSUNG-KS7308 Datasheet
96Kb / 13P
   GENERAL DESCRIPTION
logo
Fairchild Semiconductor
SGR15N40L FAIRCHILD-SGR15N40L Datasheet
169Kb / 7P
   General Description
logo
List of Unclassifed Man...
05H12 ETC-05H12 Datasheet
8Kb / 1P
   General Description
logo
National Semiconductor ...
COP688CL NSC-COP688CL Datasheet
445Kb / 40P
   General Description
logo
New Jersey Semi-Conduct...
B2-8Z NJSEMI-B2-8Z Datasheet
86Kb / 2P
   GENERAL DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com