Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9401A605MR-G Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9401A605MR-G
Description  Off-line Controllers for LED Lighting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9401A605MR-G Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9401A605MR-G Datasheet HTML 1Page - Torex Semiconductor XC9401A605MR-G Datasheet HTML 2Page - Torex Semiconductor XC9401A605MR-G Datasheet HTML 3Page - Torex Semiconductor XC9401A605MR-G Datasheet HTML 4Page - Torex Semiconductor XC9401A605MR-G Datasheet HTML 5Page - Torex Semiconductor XC9401A605MR-G Datasheet HTML 6Page - Torex Semiconductor XC9401A605MR-G Datasheet HTML 7Page - Torex Semiconductor XC9401A605MR-G Datasheet HTML 8Page - Torex Semiconductor XC9401A605MR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5/19
XC9401
Series
ELECTRICAL CHARACTERISTICS
XC9401 Series, Type A
Ta=25
oC
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
VDD Voltage Range
VDD
9
-
15
V
ISEN Voltage
VISEN
VISEN=SWEEP
(*1), VSINE =1V
0.2644
0.2783
0.2922
V
VSINE Voltage Range
(*2)
VSINE
GND
-
1.8
V
UVLO Detect Voltage
VUVLO
VDD=SWEEP
(*3)
5.5
6.5
7.5
V
UVLO Release Voltage
VUVLOR
VDD=SWEEP
(*4)
6.5
7.5
8.5
V
UVLO Hysteresis Width
VUVLOH
VUVLOH=VUVLOR - VUVLO
-
1.1
-
V
Supply Current
(*5)
IDD
VDD=VEN/DIM=15V
-
250
300
μ
A
Stand-by Current
(*6)
ISTB
VDD=15V, VEN/DIM=GND,
VSINE=GND
-
225
280
μ
A
VDD Overvoltage Protection Voltage
VOVP
VDD=SWEEP
(*3) , VEN/DIM=VDD
17
18
19
V
VDD Overvoltage Protection
Release Voltage
VOVPR
VDD=SWEEP
(*4), VEN/DIM=VDD
15.5
16.5
17.5
V
VDD Overvoltage Protection
Hysteresis Width
VOVPH
VOVPH=VOVP - VOVPR
-
1.5
-
V
VDD Overvoltage Protection
Discharge Current
(*7)
IOVP
VDD=19V
-
30
-
mA
IGATE = -10mA
GATE “H” ON Resistance
RGATEH
RGATEH = (VDD-VGATE) / IGATE
2
5
8
VISEN=1V, R1=300Ω
GATE “L” ON Resistance
RGATEL
RGATEL= VGATE / IR1
(*8)
-
5
-
OFF Time
(*9)
tOFF
VISEN=0.4V, VSINE=1V
-
6
-
μ
s
Minimum ON Time
tONMIN
VISEN=1V
-
0.2
-
μ
s
Current Limit Voltage
(*10)
VLIM
VISEN=SWEEP, VSINE=1.4V
0.65
0.70
0.95
V
Thermal Shutdown Temperature
(*11)
TTSD
-
150
-
oC
Thermal Shutdown Release
Temperature
TTSDR
-
130
-
oC
Thermal Shutdown Hysteresis Width
THYS
-
20
-
oC
PWM Dimmer Delay Time1
(*12)
tPWMDIM1
VEN/DIM=2.2V to GND
-
0.3
4.0
μ
s
PWM Dimmer Delay Time2
(*13)
tPWMDIM2
VEN/DIM=GND to 2.2V
100
140
200
μ
s
EN/DIM “H” Voltage
VEN/DIMH
2.2
-
15.0
V
EN/DIM “L” Voltage
VEN/DIML
GND
-
0.4
V
EN/DIM Bias Current
IEN/DIMH
VEN/DIM=15V
-
-
32
μ
A
Unless otherwise stated, GND standard, VDD=13V, VEN/DIM=VDD, VISEN=GND, VSINE=5.5V
(*1) ISEN pin voltage measured at start of GATE pin switching.
(*2) Indicates VSINE pin voltage at which OFF TIME 6μs switching becomes possible.
(*3) VDD pin voltage measured when GATE pin=L occurs.
(*4) VDD pin voltage measured when GATE pin=H occurs.
(*5) Indicates internal supply current when “H” level is input into EN/DIM pin and all circuits are activated. (When not switching.)
(*6) Indicates internal supply current when “L” level is input into EN/DIM pin and the switching circuit is stopped.
(*7) Indicates the current that discharges the capacitance between the VDD and GND pins at VOVP.
(*8) Please refer to P.7 “CIRCUIT④”.
(*9) May not be fixed at 6μs when UVLO is detected or during DIM signal control.
(*10) When the current limit voltage VLIM is exceeded, off time is extended to about 140μs to prevent element damage.
For details, refer to the operation description.
(*11) To protect the IC from thermal destruction, thermal shutdown activates when the chip temperature reaches 150oC and forcibly sets the GATE
pin voltage to “L”. When the chip temperature falls to 130
oC, operation resumes.
(*12) Time from attainment of EN/DIM “L” voltage until GATE pin=L.
(*13) Time from attainment of EN/DIM “H” voltage until GATE pin=H.


Similar Part No. - XC9401A605MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9401A605MR-G TOREX-XC9401A605MR-G Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
More results

Similar Description - XC9401A605MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9401-13 TOREX-XC9401-13 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401 TOREX-XC9401_15 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401 TOREX-XC9401 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A Datasheet
356Kb / 15P
   Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 0; 10/05
logo
Power Integrations, Inc...
LYT0002 POWERINT-LYT0002 Datasheet
2Mb / 18P
   Lowest Component Count, Off-Line Switcher IC for Non-Isolated LED Lighting Applications
LYT0002 POWERINT-LYT0002_V01 Datasheet
1Mb / 18P
   Lowest Component Count, Off-Line Switcher IC for Non-Isolated LED Lighting Applications
June 2015
logo
Analog Devices
ADP3810 AD-ADP3810_15 Datasheet
5Mb / 14P
   SECONDARY SIDE OFF LINE BATTERY CHARGER CONTROLLERS
REV. 0
ADP3810 AD-ADP3810 Datasheet
457Kb / 16P
   Secondary Side, Off-Line Battery Charger Controllers
REV. 0
logo
Sanken electric
STR5A450 SANKEN-STR5A450 Datasheet
900Kb / 32P
   For Non-Isolated Off-Line PWM Controllers with Integrated Power MOSFET
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
   Off Line LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com