Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGL25N120RUFD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SGL25N120RUFD
Description  Short Circuit Rated IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGL25N120RUFD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SGL25N120RUFD Datasheet HTML 1Page - Fairchild Semiconductor SGL25N120RUFD Datasheet HTML 2Page - Fairchild Semiconductor SGL25N120RUFD Datasheet HTML 3Page - Fairchild Semiconductor SGL25N120RUFD Datasheet HTML 4Page - Fairchild Semiconductor SGL25N120RUFD Datasheet HTML 5Page - Fairchild Semiconductor SGL25N120RUFD Datasheet HTML 6Page - Fairchild Semiconductor SGL25N120RUFD Datasheet HTML 7Page - Fairchild Semiconductor SGL25N120RUFD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SGL25N120RUFD Rev. B
©2002 Fairchild Semiconductor Corporation
Fig 7. Capacitance Characteristics
Fig 8. Turn-On Characteristics vs.
Gate Resistance
Fig 9. Turn-Off Characteristics vs.
Gate Resistance
Fig 10. Switching Loss vs. Gate Resistance
Fig 11. Turn-On Characteristics vs.
Collector Current
Fig 12. Turn-Off Characteristics vs.
Collector Current
10
100
1000
Common Emitter
V
CC = 600V, VGE =
± 15V
I
C
= 25A
T
C =
25℃
T
C = 125
Eoff
Eon
Eoff
Gate Resistance, R
G []
110
0
500
1000
1500
2000
2500
3000
3500
4000
Common Emitter
V
GE =0V, f = 1MHz
T
C = 25
Cies
Coes
Cres
Collector - Emitter Voltage, V
CE [V]
10
100
10
100
Common Emitter
V
CC = 600V, VGE =
± 15V
I
C = 25A
T
C =
25℃
T
C = 125
tr
td(on)
Gate Resistance, R
G []
10
100
100
Common Emitter
V
CC = 600V, VGE =
± 15V
I
C
= 25A
T
C =
25℃
T
C = 125
tf
tf
td(off)
Gate Resistance, R
G []
10
20
30
40
50
10
100
Common Emitter
V
GE =
± 15V, R
G = 10
T
C =
25℃
T
C
= 125℃
tr
td(on)
Collector Current, I
C [A]
10
20
30
40
50
100
Common Emitter
V
GE =
± 15V, R
G = 10
T
C =
25℃
T
C = 125
tf
td(off)
Collector Current, I
C [A]


Similar Part No. - SGL25N120RUFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGL25N120RUF FAIRCHILD-SGL25N120RUF Datasheet
510Kb / 7P
   Short Circuit Rated IGBT
More results

Similar Description - SGL25N120RUFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH15N120RUF FAIRCHILD-SGH15N120RUF Datasheet
495Kb / 7P
   Short Circuit Rated IGBT
SGH30N60RUF FAIRCHILD-SGH30N60RUF Datasheet
565Kb / 7P
   Short Circuit Rated IGBT
SGL50N60RUF FAIRCHILD-SGL50N60RUF Datasheet
563Kb / 7P
   Short Circuit Rated IGBT
SGS5N60RUF FAIRCHILD-SGS5N60RUF Datasheet
555Kb / 7P
   Short Circuit Rated IGBT
SGW5N60RUFD FAIRCHILD-SGW5N60RUFD Datasheet
615Kb / 8P
   Short Circuit Rated IGBT
logo
ON Semiconductor
NGTG15N60S1EG ONSEMI-NGTG15N60S1EG_15 Datasheet
130Kb / 9P
   IGBT - Short-Circuit Rated
December, 2015 ??Rev. 5
NGTB15N60EG ONSEMI-NGTB15N60EG Datasheet
177Kb / 10P
   IGBT - Short-Circuit Rated
August, 2012 ??Rev. 6
logo
Fairchild Semiconductor
SGH10N60RUF FAIRCHILD-SGH10N60RUF Datasheet
543Kb / 7P
   Short Circuit Rated IGBT
SGH10N60RUFD FAIRCHILD-SGH10N60RUFD Datasheet
598Kb / 8P
   Short Circuit Rated IGBT
SGH30N60RUFD FAIRCHILD-SGH30N60RUFD Datasheet
653Kb / 8P
   Short Circuit Rated IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com