Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN3R0-60BS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PSMN3R0-60BS
Description  N-channel 60 V 3.2 m廓 standard level MOSFET in D2PAK
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN3R0-60BS Datasheet(HTML) 4 Page - NXP Semiconductors

  PSMN3R0-60BS Datasheet HTML 1Page - NXP Semiconductors PSMN3R0-60BS Datasheet HTML 2Page - NXP Semiconductors PSMN3R0-60BS Datasheet HTML 3Page - NXP Semiconductors PSMN3R0-60BS Datasheet HTML 4Page - NXP Semiconductors PSMN3R0-60BS Datasheet HTML 5Page - NXP Semiconductors PSMN3R0-60BS Datasheet HTML 6Page - NXP Semiconductors PSMN3R0-60BS Datasheet HTML 7Page - NXP Semiconductors PSMN3R0-60BS Datasheet HTML 8Page - NXP Semiconductors PSMN3R0-60BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PSMN3R0-60BS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 22 March 2012
4 of 15
NXP Semiconductors
PSMN3R0-60BS
N-channel 60 V 3.2 m
Ω standard level MOSFET in D2PAK
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
003aad701
10−1
1
10
102
103
104
10−1
1
10
102
VDS (V)
ID
(A)
DC
100 ms
10 ms
1 ms
Limit RDSon = VDS / ID
100
μs
t
p =10 μ s


Similar Part No. - PSMN3R0-60BS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
PSMN3R0-60BS ISC-PSMN3R0-60BS Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN3R0-60BS NEXPERIA-PSMN3R0-60BS Datasheet
810Kb / 15P
   N-channel 60 V 3.2 mΩ standard level MOSFET in D2PAK
Rev. 1 - 22 March 2012
More results

Similar Description - PSMN3R0-60BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN4R6-60BS PHILIPS-PSMN4R6-60BS_15 Datasheet
216Kb / 15P
   N-channel 60 V, 4.4 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN015-60BS PHILIPS-PSMN015-60BS_15 Datasheet
219Kb / 13P
   N-channel 60 V 14.8 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
logo
Nexperia B.V. All right...
PSMN7R6-60BS NEXPERIA-PSMN7R6-60BS Datasheet
971Kb / 14P
   N-channel 60 V 7.8 m廓 standard level MOSFET in D2PAK
PSMN3R0-60BS NEXPERIA-PSMN3R0-60BS Datasheet
810Kb / 15P
   N-channel 60 V 3.2 mΩ standard level MOSFET in D2PAK
Rev. 1 - 22 March 2012
logo
NXP Semiconductors
PSMN1R7-60BS PHILIPS-PSMN1R7-60BS_15 Datasheet
235Kb / 14P
   N-channel 60 V 2 m standard level MOSFET in D2PAK
Rev. 2-29 February 2012
PSMN7R6-60BS PHILIPS-PSMN7R6-60BS_15 Datasheet
229Kb / 14P
   N-channel 60 V 7.8 m standard level MOSFET in D2PAK
Rev. 2-2 March 2012
PSMN015-60BS PHILIPS-PSMN015-60BS Datasheet
207Kb / 13P
   N-channel 60 V 14.8 m standard level MOSFET in D2PAK
Rev. 2-1 March 2012
PSMN4R6-60BS PHILIPS-PSMN4R6-60BS Datasheet
216Kb / 15P
   N-channel 60 V, 4.4 m standard level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN4R4-80BS PHILIPS-PSMN4R4-80BS_15 Datasheet
221Kb / 15P
   N-channel 80 V, 4.5 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN012-80BS PHILIPS-PSMN012-80BS_15 Datasheet
210Kb / 14P
   N-channel 80 V 11 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com