Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH44PN6R8MP0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH44PN6R8MP0
Description  Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH44PN6R8MP0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH44PN6R8MP0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH44PN6R8MP0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2009.1.8
Inductors(coils)/Microchip Transformer > Chip Inductors (Chip Coils) > for DC-DC Converter Wire Wound Type
4.0
±0.2
4.0
±0.2
1.2
±0.2
1.2
±0.2
1.0 min.
3.7
±0.2
2.4 min.
(in mm)
Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type
LQH44P Series (1515 Size)
I Dimensions
I Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
1000
K
330mm Embossed Tape
3500
I Rated Value (p: packaging code)
Part Number
Inductance
Inductance
Test Frequency
Allowable DC Current
(Based on Temperature Rise)
Allowable DC Current
(Based on Inductance Change)
DC Resistance
Self Resonance
Frequency (min.)
Class of Magnetic Shield
LQH44PN1R0NP0p
1.0
µH±30%
1MHz
2450mA
2950mA
0.030ohm
±20%
90MHz
Magnetic shield of magnetic powder in resin
LQH44PN2R2MP0p
2.2
µH±20%
1MHz
1800mA
2500mA
0.049ohm
±20%
70MHz
Magnetic shield of magnetic powder in resin
LQH44PN3R3MP0p
3.3
µH±20%
1MHz
1770mA
2100mA
0.065ohm
±20%
50MHz
Magnetic shield of magnetic powder in resin
LQH44PN4R7MP0p
4.7
µH±20%
1MHz
1700mA
1700mA
0.080ohm
±20%
40MHz
Magnetic shield of magnetic powder in resin
LQH44PN6R8MP0p
6.8
µH±20%
1MHz
1340mA
1400mA
0.12ohm
±20%
35MHz
Magnetic shield of magnetic powder in resin
LQH44PN100MP0p
10
µH±20%
1MHz
1170mA
1150mA
0.16ohm
±20%
25MHz
Magnetic shield of magnetic powder in resin
LQH44PN220MP0p
22
µH±20%
1MHz
790mA
800mA
0.37ohm
±20%
17MHz
Magnetic shield of magnetic powder in resin
Operating Temperature Range: -40
°C to +85°C
Only for reflow soldering.
<Allowable DC Current>
When Allowable DC Current is applied to the
Products, self-generation of heat will rise to
40
°C or less.
When Allowable DC Current is applied to the
Products, Inductance will be within +-30% of
nominal Inductance value.
I Notice (Allowable DC Current)
Continued on the following page.


Similar Part No. - LQH44PN6R8MP0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH44PN6R8MP0 MURATA-LQH44PN6R8MP0 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQH44PN6R8MP0 MURATA-LQH44PN6R8MP0 Datasheet
50Kb / 2P
   Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type
LQH44PN6R8MP0 MURATA-LQH44PN6R8MP0 Datasheet
237Kb / 7P
   1616 size (4.0x4.0mm) Height 1.8mm max.
LQH44PN6R8MP0 MURATA-LQH44PN6R8MP0 Datasheet
80Kb / 2P
   Inductance
LQH44PN6R8MP0K MURATA-LQH44PN6R8MP0K Datasheet
50Kb / 2P
   Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type LQH44P Series
More results

Similar Description - LQH44PN6R8MP0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH44PN470MJ0L MURATA-LQH44PN470MJ0L Datasheet
50Kb / 2P
   Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type
LQH44P MURATA-LQH44P Datasheet
50Kb / 2P
   Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type
LQH44PN1R0NP0L MURATA-LQH44PN1R0NP0L Datasheet
50Kb / 2P
   Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type LQH44P Series
LQM21PNR47MC0D MURATA-LQM21PNR47MC0D Datasheet
33Kb / 1P
   Chip Inductors (Chip Coils) for DC-DC Converter Monolithic Type LQM21P Series
LQM31PN1R0M00L MURATA-LQM31PN1R0M00L Datasheet
33Kb / 1P
   Chip Coils for DC-DC Converter Monolithic Type
LQH43C MURATA-LQH43C Datasheet
54Kb / 2P
   Chip Coils for Choke Wire Wound Type
LQH31CN1R0M03L MURATA-LQH31CN1R0M03L Datasheet
47Kb / 2P
   Chip Coils for Choke Wire Wound Type
LQW15ANR10J00D MURATA-LQW15ANR10J00D Datasheet
105Kb / 5P
   Chip Inductors (Chip Coils) for High Frequency Horizontal Wire Wound
LQW15A MURATA-LQW15A Datasheet
105Kb / 5P
   Chip Inductors (Chip Coils) for High Frequency Horizontal Wire Wound
logo
Taiyo Yuden (U.S.A.), I...
LB2016T150KV TAIYO-YUDEN-LB2016T150KV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com