Electronic Components Datasheet Search |
|
NM24W16UFVMT8 Datasheet(PDF) 11 Page - Fairchild Semiconductor |
|
NM24W16UFVMT8 Datasheet(HTML) 11 Page - Fairchild Semiconductor |
11 / 13 page 11 www.fairchildsemi.com NM24C16U/17U Rev. B.1 S T O P A C K NO A C K SLAVE ADDRESS A C K A C K S T A R T S T A R T WORD ADDRESS SLAVE ADDRESS Bus Activity: Master SDA Line Bus Activity: NM24C16U/17U DATA n S T O P A C K Bus Activity: Master SDA Line Bus Activity: NM24C16U/17U A C K DATA n + x A C K DATA n + 2 DATA n +1 DATA n +1 A C K NO A C K Slave Address DS800010-18 DS800010-19 Read Operations Read operations are initiated in the same manner as write operations, with the exception that the R/W bit of the slave address is set to a one. There are three basic read operations: current address read, random read, and sequential read. Current Address Read Internally the NM24C16U/17U contains an address counter that maintains the address of the last byte accessed, incremented by one. Therefore, if the last access (either a read or write) was to address n, the next read operation would access data from address n + 1. Upon receipt of the slave address with R/W set to one, the NM24C16U/17U issues an acknowledge and transmits the eight bit byte. The master will not acknowledge the transfer but does generate a stop condition, and therefore the NM24C16U/ 17U discontinues transmission. Refer to Figure 8 for the se- quence of address, acknowledge and data transfer. Random Read Random read operations allow the master to access any memory location in a random manner. Prior to issuing the slave address with the R/W bit set to one, the master must first perform a “dummy” write operation. The master issues the start condition, slave address and then the byte address it is to read. After the byte address acknowledge, the master immediately reissues the start condition and the slave address with the R/W bit set to one. This will be followed by an acknowledge from the NM24C16U/17U and then by the eight bit data. The master will not acknowledge the transfer but does generate the stop condition, and therefore the NM24C16U/17U discontinues transmission. Refer to Figure 9 for the address, acknowledge and data transfer sequence. Sequential Read Sequential reads can be initiated as either a current address read or random access read. The first word is transmitted in the same manner as the other read modes; however, the master now responds with an acknowledge, indicating it requires additional data. The NM24C16U/17U continues to output data for each acknowledge received. The read operation is terminated by the master not responding with an acknowledge or by generating a stop condition. The data output is sequential, with the data from address n followed by the data from n + 1. The address counter for read operations increments all word address bits, allowing the entire memory contents to be serially read during one operation. After the entire memory has been read, the counter "rolls over" and the NM24C16U/17U continues to output data for each acknowledge received. Refer to Figure 10 for the address, acknowledge, and data transfer sequence. Current Address Read (Figure 8) S T O P DATA A C K NO A C K S T A R T SLAVE ADDRESS Bus Activity: Master SDA Line Bus Activity: NM24C16U/17U DS800010-17 Random Read (Figure 9) Sequential Read (Figure 10) |
Similar Part No. - NM24W16UFVMT8 |
|
Similar Description - NM24W16UFVMT8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |