Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSMBT3906LT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # SSMBT3906LT3G
Description  General Purpose Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SSMBT3906LT3G Datasheet(HTML) 2 Page - ON Semiconductor

  SSMBT3906LT3G Datasheet HTML 1Page - ON Semiconductor SSMBT3906LT3G Datasheet HTML 2Page - ON Semiconductor SSMBT3906LT3G Datasheet HTML 3Page - ON Semiconductor SSMBT3906LT3G Datasheet HTML 4Page - ON Semiconductor SSMBT3906LT3G Datasheet HTML 5Page - ON Semiconductor SSMBT3906LT3G Datasheet HTML 6Page - ON Semiconductor SSMBT3906LT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MMBT3906L, SMMBT3906L
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = −1.0 mAdc, IB = 0)
V(BR)CEO
−40
Vdc
Collector−Base Breakdown Voltage
(IC = −10 mAdc, IE = 0)
V(BR)CBO
−40
Vdc
Emitter−Base Breakdown Voltage
(IE = −10 mAdc, IC = 0)
V(BR)EBO
−5.0
Vdc
Base Cutoff Current
(VCE = −30 Vdc, VEB = −3.0 Vdc)
IBL
−50
nAdc
Collector Cutoff Current
(VCE = −30 Vdc, VEB = −3.0 Vdc)
ICEX
−50
nAdc
ON CHARACTERISTICS (Note 4)
DC Current Gain
(IC = −0.1 mAdc, VCE = −1.0 Vdc)
(IC = −1.0 mAdc, VCE = −1.0 Vdc)
(IC = −10 mAdc, VCE = −1.0 Vdc)
(IC = −50 mAdc, VCE = −1.0 Vdc)
(IC = −100 mAdc, VCE = −1.0 Vdc)
HFE
60
80
100
60
30
300
Collector−Emitter Saturation Voltage
(IC = −10 mAdc, IB = −1.0 mAdc)
(IC = −50 mAdc, IB = −5.0 mAdc)
VCE(sat)
−0.25
−0.4
Vdc
Base −Emitter Saturation Voltage
(IC = −10 mAdc, IB = −1.0 mAdc)
(IC = −50 mAdc, IB = −5.0 mAdc)
VBE(sat)
−0.65
−0.85
−0.95
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = −10 mAdc, VCE = −20 Vdc, f = 100 MHz)
fT
250
MHz
Output Capacitance
(VCB = −5.0 Vdc, IE = 0, f = 1.0 MHz)
Cobo
4.5
pF
Input Capacitance
(VEB = −0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
10
pF
Input Impedance
(IC = −1.0 mAdc, VCE = −10 Vdc, f = 1.0 kHz)
hie
2.0
12
kW
Voltage Feedback Ratio
(IC = −1.0 mAdc, VCE = −10 Vdc, f = 1.0 kHz)
hre
0.1
10
X 10−4
Small−Signal Current Gain
(IC = −1.0 mAdc, VCE = −10 Vdc, f = 1.0 kHz)
hfe
100
400
Output Admittance
(IC = −1.0 mAdc, VCE = −10 Vdc, f = 1.0 kHz)
hoe
3.0
60
mmhos
Noise Figure
(IC = −100 mAdc, VCE = −5.0 Vdc, RS = 1.0 kW, f = 1.0 kHz)
NF
4.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = −3.0 Vdc, VBE = 0.5 Vdc,
IC = −10 mAdc, IB1 = −1.0 mAdc)
td
35
ns
Rise Time
tr
35
Storage Time
(VCC = −3.0 Vdc, IC = −10 mAdc,
IB1 = IB2 = −1.0 mAdc)
ts
225
ns
Fall Time
tf
75
4. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.


Similar Part No. - SSMBT3906LT3G

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
DDK Ltd.
SSMB DDK-SSMB Datasheet
844Kb / 5P
   Low Profile Push-On Coaxial Connector
SSMB-LP-0.8DQEV DDK-SSMB-LP-0.8DQEV Datasheet
222Kb / 2P
   SSMB Type Connectors
SSMB-LP-0.8DQEV-CF DDK-SSMB-LP-0.8DQEV-CF Datasheet
846Kb / 5P
   Low Profile Push-On Coaxial Connector
SSMB-LP-1.5QEW DDK-SSMB-LP-1.5QEW Datasheet
222Kb / 2P
   SSMB Type Connectors
More results

Similar Description - SSMBT3906LT3G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com