Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP3057 Datasheet(PDF) 5 Page - Texas Instruments

Part # TP3057
Description  Enhanced Serial Interface CODEC/Filter COMBO Family
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3057 Datasheet(HTML) 5 Page - Texas Instruments

  TP3057 Datasheet HTML 1Page - Texas Instruments TP3057 Datasheet HTML 2Page - Texas Instruments TP3057 Datasheet HTML 3Page - Texas Instruments TP3057 Datasheet HTML 4Page - Texas Instruments TP3057 Datasheet HTML 5Page - Texas Instruments TP3057 Datasheet HTML 6Page - Texas Instruments TP3057 Datasheet HTML 7Page - Texas Instruments TP3057 Datasheet HTML 8Page - Texas Instruments TP3057 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Functional Description (Continued)
TRANSMIT SECTION
The transmit section input is an operational amplifier with
provision for gain adjustment using two external resistors
see
Figure 4 The low noise and wide bandwidth allow gains
in excess of 20 dB across the audio passband to be real-
ized The op amp drives a unity-gain filter consisting of RC
active pre-filter followed by an eighth order switched-ca-
pacitor bandpass filter clocked at 256 kHz The output of
this filter directly drives the encoder sample-and-hold circuit
The AD is of companding type according to m-law
(TP3054) or A-law (TP3057) coding conventions A preci-
sion voltage reference is trimmed in manufacturing to pro-
vide an input overload (tMAX) of nominally 25V peak (see
table of Transmission Characteristics) The FSX frame sync
pulse controls the sampling of the filter output and then the
successive-approximation encoding cycle begins The 8-bit
code is then loaded into a buffer and shifted out through DX
at the next FSX pulse The total encoding delay will be ap-
proximately 165 ms (due to the transmit filter) plus 125 ms
(due to encoding delay) which totals 290 ms Any offset
voltage due to the filters or comparator is cancelled by sign
bit integration
RECEIVE SECTION
The receive section consists of an expanding DAC which
drives a fifth order switched-capacitor low pass filter
clocked at 256 kHz The decoder is A-law (TP3057) or
m
-law (TP3054) and the 5th order low pass filter corrects for
the sin xx attenuation due to the 8 kHz samplehold The
filter is then followed by a 2nd order RC active post-filter
power amplifer capable of driving a 600X load to a level of
72 dBm The receive section is unity-gain Upon the occur-
rence of FSR the data at the DR input is clocked in on the
falling edge of the next eight BCLKR (BCLKX) periods At
the end of the decoder time slot the decoding cycle begins
and 10 ms later the decoder DAC output is updated The
total decoder delay is E 10 ms (decoder update) plus
110 ms (filter delay) plus 625 ms(
frame) which gives
approximately 180 ms
4


Similar Part No. - TP3057

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3057 NSC-TP3057 Datasheet
250Kb / 16P
   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3057 TI1-TP3057 Datasheet
323Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
National Semiconductor ...
TP3057-X NSC-TP3057-X Datasheet
671Kb / 16P
   Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3057-X TI1-TP3057-X Datasheet
1Mb / 22P
[Old version datasheet]   Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3057A TI-TP3057A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results

Similar Description - TP3057

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3054 NSC-TP3054 Datasheet
250Kb / 16P
   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3054 TI1-TP3054_11 Datasheet
323Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
National Semiconductor ...
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
TP3069 NSC-TP3069 Datasheet
275Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
Texas Instruments
TP3064 TI1-TP3064_11 Datasheet
347Kb / 20P
[Old version datasheet]   Enhanced Serial Interface CMOS CODEC/Filter COMBO
logo
National Semiconductor ...
TP3054-X NSC-TP3054-X Datasheet
671Kb / 16P
   Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3054-X TI1-TP3054-X_15 Datasheet
1Mb / 22P
[Old version datasheet]   Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
STMicroelectronics
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
   SERIAL INTERFACE CODEC/FILTER
logo
Texas Instruments
TP3052-X TI1-TP3052-X Datasheet
393Kb / 20P
[Old version datasheet]   TP3054-X, TP3057-X Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
National Semiconductor ...
TP3051 NSC-TP3051 Datasheet
414Kb / 10P
   PARALLEL INTERFACE CODEC/FILTER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com