Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54380PWP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54380PWP
Description  3-V TO 6-V INPUT, 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54380PWP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54380PWP Datasheet HTML 7Page - Texas Instruments TPS54380PWP Datasheet HTML 8Page - Texas Instruments TPS54380PWP Datasheet HTML 9Page - Texas Instruments TPS54380PWP Datasheet HTML 10Page - Texas Instruments TPS54380PWP Datasheet HTML 11Page - Texas Instruments TPS54380PWP Datasheet HTML 12Page - Texas Instruments TPS54380PWP Datasheet HTML 13Page - Texas Instruments TPS54380PWP Datasheet HTML 14Page - Texas Instruments TPS54380PWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TPS54380
SLVS454B − JANUARY 2003 − REVISED FEBRUARY 2005
www.ti.com
11
Figure 14
−60
−50
−40
−30
−20
−10
0
10
20
30
40
50
60
100
1 k
10 k
100 k
1 M
−180
−150
−120
−90
−60
−30
0
30
60
90
120
150
180
f − Frequency − Hz
MEASURED LOOP RESPONSE
Gain
Phase
Figure 15
25
35
45
55
65
75
85
95
105
115
125
01
23
4
AMBIENT TEMPERATURE
vs
LOAD CURRENT
IL − Load Current − A
Safe Operating Area(1)
VI = 3.3 V
VI = 5 V
Figure 16
Time − 1 µs/div
OUTPUT RIPPLE VOLTAGE
Figure 17
100 µs/div
LOAD TRANSIENT RESPONSE
I = 0.75 A to 2.25 A
Figure 18
Vcore
V I/O
V I/O ~Enable
START-UP TIMING
2 ms/div
Figure 19
Vcore
V I/O
V I/O ~Enable
POWER-DOWN TIMING
2 ms/div
(1) Safe operating area is applicable to the test board conditions in the Dissipation Ratings table.
DETAILED DESCRIPTION
UNDERVOLTAGE LOCKOUT (UVLO)
The TPS54380 incorporates an undervoltage lockout
circuit to keep the device disabled when the input voltage
(VIN) is insufficient. During power up, internal circuits are
held inactive until VIN exceeds the nominal UVLO
threshold voltage of 2.95 V. Once the UVLO start threshold
is reached, device start-up begins. The device operates
until VIN falls below the nominal UVLO stop threshold of
2.8 V. Hysteresis in the UVLO comparator, and a 2.5-µs
rising and falling edge deglitch circuit reduce the likelihood
of shutting the device down due to noise on VIN.
TRACKIN/INTERNAL SLOW-START
The internal slow-start circuit provides start-up slope
control of the output voltage. The nominal internal
slow-start rate is 25 V/ms. When the voltage on TRACKIN
rises faster than the internal slope or is present when
device operation is enabled, the output rises at the internal
rate. If the reference voltage on TRACKIN rises more
slowly, then the output rises at about the same rate as
TRACKIN.
Once the voltage on the TRACKIN pin is greater than the
internal reference of 0.891 V, the multiplexer switches the
noninverting node to the high-precision reference.
ENABLE (ENA)
The enable pin, ENA, provides a digital control enable or
disable (shutdown) for the TPS54380. An input voltage of
1.4 V or greater ensures that the TPS54380 is enabled. An
input of 0.82 V or less ensures that device operation is
disabled. These are not standard logic thresholds, even
though they are compatible with TTL outputs.
When ENA is low, the oscillator, slow-start, PWM control
and MOSFET drivers are disabled and held in an initial
state ready for device start-up. On an ENA transition from
low to high, device start-up begins with the output starting
from 0 V.


Similar Part No. - TPS54380PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54380PWP TI-TPS54380PWP Datasheet
250Kb / 15P
[Old version datasheet]   3-V TO 6-V INPUT 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
More results

Similar Description - TPS54380PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54680-EP TI1-TPS54680-EP Datasheet
796Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??FOR SEQUENCING
TPS54680-Q1 TI1-TPS54680-Q1 Datasheet
288Kb / 19P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54680 TI-TPS54680 Datasheet
228Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54680-EP TI-TPS54680-EP_15 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54680 TI-TPS54680_15 Datasheet
809Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54380-Q1 TI-TPS54380-Q1_15 Datasheet
882Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田? FOR SEQUENCING
TPS54380-Q1 TI1-TPS54380-Q1 Datasheet
427Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田? FOR SEQUENCING
TPS54380 TI-TPS54380 Datasheet
250Kb / 15P
[Old version datasheet]   3-V TO 6-V INPUT 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
TPS54880 TI-TPS54880 Datasheet
461Kb / 19P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54880 TI-TPS54880_15 Datasheet
759Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com