Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7528IFN Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7528IFN
Description  DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7528IFN Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC7528IFN Datasheet HTML 3Page - Texas Instruments TLC7528IFN Datasheet HTML 4Page - Texas Instruments TLC7528IFN Datasheet HTML 5Page - Texas Instruments TLC7528IFN Datasheet HTML 6Page - Texas Instruments TLC7528IFN Datasheet HTML 7Page - Texas Instruments TLC7528IFN Datasheet HTML 8Page - Texas Instruments TLC7528IFN Datasheet HTML 9Page - Texas Instruments TLC7528IFN Datasheet HTML 10Page - Texas Instruments TLC7528IFN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TLC7528C, TLC7528E, TLC7528I
DUAL 8BIT MULTIPLYING
DIGITALTOANALOG CONVERTERS
SLAS062E − JANUARY 1987 − REVISED NOVEMBER 2008
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
These devices are capable of performing 2-quadrant or full 4-quadrant multiplication. Circuit configurations for
2-quadrant and 4-quadrant multiplication are shown in Figure 3 and Figure 4. Table 1 and Table 2 summarize
input coding for unipolar and bipolar operation, respectively.
DGND
VOB
VOA
VI(B)
±10 V
R3 (see Note A)
R1 (see Note A)
AGND
C1
(see Note B)
C2
(see Note B)
R2 (see Note A)
R4 (see Note A)
AGND
OUTB
RFBB
AGND
OUTA
5
VDD
17
7
14
DACA / DACB
DB0
DB7
Input
Buffer
8
8
8
8
REFB
RFBA
REFA
Latch
Control
Logic
CS
WR
16
15
6
RECOMMENDED TRIM
RESISTOR VALUES
R1, R3
R2, R4
500
150
DACA
DACB
Latch
VI(A)
±10 V
NOTES: A. R1, R2, R3, and R4 are used only if gain adjustment is required. See table for recommended values. Make gain adjustment with
digital input of 255.
B. C1 and C2 phase compensation capacitors (10pF to 15pF) are required when using high-speed amplifiers to prevent ringing or
oscillation.
Figure 3. Unipolar Operation (2-Quadrant Multiplication)


Similar Part No. - TLC7528IFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7528IFN TI-TLC7528IFN Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7528IFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524IDR TI1-TLC7524IDR Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7800 TI1-DAC7800_15 Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com