Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5431 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5431
Description  3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5431 Datasheet(HTML) 5 Page - Texas Instruments

  TPS5431 Datasheet HTML 1Page - Texas Instruments TPS5431 Datasheet HTML 2Page - Texas Instruments TPS5431 Datasheet HTML 3Page - Texas Instruments TPS5431 Datasheet HTML 4Page - Texas Instruments TPS5431 Datasheet HTML 5Page - Texas Instruments TPS5431 Datasheet HTML 6Page - Texas Instruments TPS5431 Datasheet HTML 7Page - Texas Instruments TPS5431 Datasheet HTML 8Page - Texas Instruments TPS5431 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
1
2
3
4
8
7
6
5
PowerPAD
(Pin9)
BOOT
NC
NC
VSENSE
PH
VIN
GND
ENA
DDAPACKAGE
(TOPVIEW)
TPS5430
TPS5431
www.ti.com
SLVS632E – JANUARY 2006 – REVISED SEPTEMBER 2013
PIN ASSIGNMENTS
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
BOOT
1
Boost capacitor for the high-side FET gate driver. Connect 0.01
μF low ESR capacitor from BOOT pin to PH pin.
NC
2, 3
Not connected internally.
VSENSE
4
Feedback voltage for the regulator. Connect to output voltage divider.
ENA
5
On/off control. Below 0.5 V, the device stops switching. Float the pin to enable.
GND
6
Ground. Connect to PowerPAD.
Input supply voltage. Bypass VIN pin to GND pin close to device package with a high quality, low ESR ceramic
VIN
7
capacitor.
PH
8
Source of the high side power MOSFET. Connected to external inductor and diode.
PowerPAD
9
GND pin must be connected to the exposed pad for proper operation.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS5430 TPS5431


Similar Part No. - TPS5431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5431 TI-TPS5431 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5431 TI-TPS5431 Datasheet
1Mb / 36P
[Old version datasheet]   TPS543x 3-A, Wide Input Range, Step-Down Converter
TPS5431 TI1-TPS5431 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS5431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430 TI1-TPS5430_17 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5430-Q1 TI-TPS5430-Q1 Datasheet
982Kb / 27P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT CONVERTER
TPS5430 TI-TPS5430_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS543x 3-A, Wide Input Range, Step-Down Converter
TPS5430-Q1 TI-TPS5430-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS5430-Q1 3-A Wide-Input-Range Step-Down Converter
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com