Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS221N Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS221N
Description  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS221N Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LS221N Datasheet HTML 3Page - Texas Instruments SN74LS221N Datasheet HTML 4Page - Texas Instruments SN74LS221N Datasheet HTML 5Page - Texas Instruments SN74LS221N Datasheet HTML 6Page - Texas Instruments SN74LS221N Datasheet HTML 7Page - Texas Instruments SN74LS221N Datasheet HTML 8Page - Texas Instruments SN74LS221N Datasheet HTML 9Page - Texas Instruments SN74LS221N Datasheet HTML 10Page - Texas Instruments SN74LS221N Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SN54221, SN54LS221, SN74221, SN74LS221
DUAL MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SDLS213B − DECEMBER 1983 − REVISED NOVEMBER 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics VCC = 5 V, RL = 400 Ω, TA = 25_C (see Figures 1 and 2)
PARAMETER
FROM
TO
TEST CONDITIONS
SN54221
SN74221
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tPLH
A
Q
45
70
45
70
tPLH
B
Q
Cext = 80 pF,
Rext = 2 kΩ
35
55
35
55
ns
tPHL
A
Q
Cext = 80 pF,
Rext = 2 kΩ
50
80
50
80
ns
tPHL
B
Q
40
65
40
65
tPHL
CLR
Q
Cext = 80 pF,
Rext = 2 kΩ
27
27
ns
tPLH
CLR
Q
Cext = 80 pF,
Rext = 2 kΩ
40
40
ns
Cext = 80 pF,
Rext = 2 kΩ
70
110
150
70
110
150
tw
A or B
Q or Q
Cext = 0,
Rext = 2 kΩ
17
30
50
17
30
50
ns
tw
A or B
Q or Q
Cext = 100 pF, Rext = 10 kΩ
650
700
750
650
700
750
ns
Cext = 1 µF,
Rext = 10 kΩ
6.5*
7
7.5*
6.5
7
7.5
ms
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
recommended operating conditions (see Note 4)
SN54LS221
SN74LS221
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
IOH
High-level output current
−400
−400
µA
IOL
Low-level output current
4
8
mA
∆v/∆t
Rise or fall of input pulse rate
B input
1*
1
V/s
∆v/∆t
Rise or fall of input pulse rate
A input
1*
1
V/
µs
TA
Operating free-air temperature
−55
125
0
70
°C
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74LS221N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN74LS221N MOTOROLA-SN74LS221N Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
ON Semiconductor
SN74LS221N ONSEMI-SN74LS221N Datasheet
120Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS221N TI-SN74LS221N Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LS221N TI-SN74LS221N Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LS221N TI-SN74LS221N Datasheet
902Kb / 26P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATPORS WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN74LS221N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN54221 TI-SN54221 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_07 Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54221 TI-SN54221_07 Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121 Datasheet
670Kb / 15P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121_07 Datasheet
737Kb / 18P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com