Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7528CNS Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7528CNS
Description  DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7528CNS Datasheet(HTML) 4 Page - Texas Instruments

  TLC7528CNS Datasheet HTML 1Page - Texas Instruments TLC7528CNS Datasheet HTML 2Page - Texas Instruments TLC7528CNS Datasheet HTML 3Page - Texas Instruments TLC7528CNS Datasheet HTML 4Page - Texas Instruments TLC7528CNS Datasheet HTML 5Page - Texas Instruments TLC7528CNS Datasheet HTML 6Page - Texas Instruments TLC7528CNS Datasheet HTML 7Page - Texas Instruments TLC7528CNS Datasheet HTML 8Page - Texas Instruments TLC7528CNS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TLC7528C, TLC7528E, TLC7528I
DUAL 8BIT MULTIPLYING
DIGITALTOANALOG CONVERTERS
SLAS062E − JANUARY 1987 − REVISED NOVEMBER 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VrefA = VrefB = 10V, VOA and VOB at 0V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VDD = 5V
VDD = 15V
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
IIH
High-level input current
VI = VDD
10
10
µA
IIL
Low-level input current
VI = 0
5
12
−10
5
12
−10
µA
Reference input impedance
REFA or REFB to AGND
20
20
k
IIkg
Output leakage current
OUTA
DAC data latch loaded with
00000000, VrefA = ± 10V
±400
±200
nA
IIkg
Output leakage current
OUTB
DAC data latch loaded with
00000000, VrefB = ± 10V
±400
±200
nA
Input resistance match
(REFA to REFB)
±1%
±1%
DC supply sensitivity,
∆gain/∆VDD
∆VDD = ±10%
0.04
0.02
%/%
IDD
Supply current (quiescent)
All digital inputs at VIHmin or
VILmax
2
2
mA
IDD
Supply current (standby)
All digital inputs at 0V or VDD
0.5
0.5
mA
DB0−DB7
10
10
pF
Ci
Input capacitance
WR, CS,
DACA/DACB
15
15
pF
Co
Output capacitance (OUTA, OUTB)
DAC data latches loaded with
00000000
50
50
pF
Co
Output capacitance (OUTA, OUTB)
DAC data latches loaded with
11111111
120
120
pF
† All typical values are at TA = +25°C.


Similar Part No. - TLC7528CNS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7528CN TI-TLC7528CN Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7528CNS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524IDR TI1-TLC7524IDR Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7800 TI1-DAC7800_15 Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com