Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75439NE Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75439NE
Description  QUADRUPLE PERIPHERAL DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75439NE Datasheet(HTML) 3 Page - Texas Instruments

  SN75439NE Datasheet HTML 1Page - Texas Instruments SN75439NE Datasheet HTML 2Page - Texas Instruments SN75439NE Datasheet HTML 3Page - Texas Instruments SN75439NE Datasheet HTML 4Page - Texas Instruments SN75439NE Datasheet HTML 5Page - Texas Instruments SN75439NE Datasheet HTML 6Page - Texas Instruments SN75439NE Datasheet HTML 7Page - Texas Instruments SN75439NE Datasheet HTML 8Page - Texas Instruments SN75439NE Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SN75439
QUADRUPLE PERIPHERAL DRIVER
SLRS013A − MAY 1988 − REVISED NOVEMBER 1989
3−3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Output supply voltage in inductive switching circuit, VS (see Figure 2)
40
V
High-level input voltage, VIH
2
5.25
V
Low-level input voltage, VIL
− 0.3†
0.8
V
Low-level output current, IOL
1.3
A
Operating free-air temperature, TA
0
25
70
°C
† The algebraic convention, in which the least positive (most negative) value is designated minimum, is used in this data sheet for logic voltage
levels.
electrical characteristics over recommended ranges of operating free-air temperature and supply
voltages (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = − 12 mA
− 0.9
− 1.5
V
IOL = 0.5 A
0.2
0.35
VOL
Low-level output voltage
IOL = 1 A
See Note 4
0.4
0.7
V
VOL
Low-level output voltage
IOL = 1.3 A
See Note 4
0.5
0.9
V
IF = 0.5 A
1.1
1.9
VF(K) Output clamp-diode forward voltage
IF = 1 A
See Note 4
1.3
2.2
V
VF(K) Output clamp-diode forward voltage
IF = 1.3 A
See Note 4
1.4
2.4
V
IOH
High-level output current
VOH = 50 V,
VOK = 50 V
100
µA
IIH
High-level input current
VI = VIH
10
µA
IIL
Low-level input current
VI = 0 to 0.8 V
−10
µA
IR(K)
Output clamp-diode reverse current (at Y output)
VR = 50 V,
VO = 0
100
µA
All outputs at high level (off)
2
8
ICC
Supply current
All outputs at low level (on)
140
200
mA
ICC
Supply current
Two outputs at high level (off) and two
outputs at low level (on)
70
110
mA
† All typical values are at VCC = 5 V, TA = 25°C.
NOTE 4: These parameters must be measured using pulse techniques, tw = 1 ms, duty cycle ≤ 10%.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
1500
ns
tPHL
Propagation delay time, high-to-low-level output
IOL ≈ 1 A,
CL = 30 pF,
100
ns
tTLH
Transition time, low-to-high-level output
IOL ≈ 1 A,
RL = 30 Ω,
CL = 30 pF,
See Figure 1
170
ns
tTHL
Transition time, high-to-low-level output
RL = 30 ,
See Figure 1
50
ns
VOH
High-level output voltage (after switching inductive load)
VS = 40 V,
RL = 31 Ω,
IO ≈ 1.3 A,
See Figure 2
VS − 100
mV


Similar Part No. - SN75439NE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75439 TI-SN75439 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
More results

Similar Description - SN75439NE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75439 TI-SN75439 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75437A TI-SN75437A Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75436 TI-SN75436 Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVERS
SN65472-EP TI1-SN65472-EP Datasheet
744Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVER
logo
Motorola, Inc
MC1411 MOTOROLA-MC1411 Datasheet
200Kb / 4P
   Peripheral Driver Arrays
logo
Texas Instruments
SN65472-EP TI1-SN65472-EP_16 Datasheet
746Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVER
logo
National Semiconductor ...
DS3656 NSC-DS3656 Datasheet
86Kb / 4P
   DS3656 Quad Peripheral Driver
logo
STMicroelectronics
AN1105 STMICROELECTRONICS-AN1105 Datasheet
586Kb / 100P
   ST7 pCAN PERIPHERAL DRIVER
logo
Texas Instruments
SN75374 TI-SN75374 Datasheet
206Kb / 13P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com