Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL5002IDR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL5002IDR
Description  PULSE-SIDTH-MODULATION CONTROL CIRCUIT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL5002IDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL5002IDR Datasheet HTML 4Page - Texas Instruments TL5002IDR Datasheet HTML 5Page - Texas Instruments TL5002IDR Datasheet HTML 6Page - Texas Instruments TL5002IDR Datasheet HTML 7Page - Texas Instruments TL5002IDR Datasheet HTML 8Page - Texas Instruments TL5002IDR Datasheet HTML 9Page - Texas Instruments TL5002IDR Datasheet HTML 10Page - Texas Instruments TL5002IDR Datasheet HTML 11Page - Texas Instruments TL5002IDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TL5002
PULSEWIDTHMODULATION CONTROL CIRCUIT
SLVS304A − SEPTEMBER 2000 − REVISED AUGUST 2002
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
1.5
1.2
0.6
0.3
0
1.8
0.9
10 k
100 k
1 M
10 M
fosc − Oscillator Frequency − Hz
Voscmin (zero duty cycle)
VCC = 6 V
TA = 25 °C
PWM TRIANGLE WAVE AMPLITUDE VOLTAGE
vs
OSCILLATOR FREQUENCY
Voscmax (100% duty cycle)
Figure 9
ERROR AMPLIFIER OUTPUT VOLTAGE
vs
OUTPUT (SINK) CURRENT
IO − Output (Sink) Current − mA
1.5
1
0.5
0
0
0.2
0.4
2
2.5
3
0.6
VCC = 6 V
VI(INV) = 1.2 V
VI(NI) = 1 V
TA = 25 °C
Figure 10
1.5
1
0.5
0
020
40
2
2.5
3
60
80
100
120
IO − Output (Source) Current − µA
VCC = 6 V
VI(INV) = 0.8 V
VI(NI) = 1 V
TA = 25 °C
ERROR AMPLIFIER OUTPUT VOLTAGE
vs
OUTPUT (SOURCE) CURRENT
Figure 11
2.43
2.42
2.41
2.40
− 50
− 25
0
2.44
2.45
2.46
25
50
75
100
TA − Ambient Temperature − °C
VCC = 6 V
VI(INV) = 0.8 V
VI(NI) = 1 V
No Load
ERROR AMPLIFIER OUTPUT VOLTAGE
vs
AMBIENT TEMPERATURE


Similar Part No. - TL5002IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5002ID TI-TL5002ID Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com