Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3091DG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # THS3091DG4
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3091DG4 Datasheet(HTML) 3 Page - Texas Instruments

  THS3091DG4 Datasheet HTML 1Page - Texas Instruments THS3091DG4 Datasheet HTML 2Page - Texas Instruments THS3091DG4 Datasheet HTML 3Page - Texas Instruments THS3091DG4 Datasheet HTML 4Page - Texas Instruments THS3091DG4 Datasheet HTML 5Page - Texas Instruments THS3091DG4 Datasheet HTML 6Page - Texas Instruments THS3091DG4 Datasheet HTML 7Page - Texas Instruments THS3091DG4 Datasheet HTML 8Page - Texas Instruments THS3091DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
THS3091
THS3095
www.ti.com........................................................................................................................................ SLOS423G – SEPTEMBER 2003 – REVISED OCTOBER 2008
MIN
MAX
UNIT
Dual supply
±5
±15
Supply voltage
V
Single supply
10
30
TA
Operating free-air temperature
–40
85
°C
over operating free-air temperature (unless otherwise noted)
(1)
UNIT
VS- to VS+
Supply voltage
33 V
VI
Input voltage
± VS
VID
Differential input voltage
± 4 V
IO
Output current
350 mA
Continuous power dissipation
See Dissipation Ratings Table
TJ
Maximum junction temperature,
150°C
TJ
(2)
Maximum junction temperature, continuous operation, long-term reliability
125°C
Tstg
Storage temperature
–65°C to 150°C
Lead temperature (3)
HBM
2000
ESD ratings
CDM
1500
MM
150
(1)
The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may
cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
(3)
See the MSL/Reflow Rating information provided with the material, or see TI's web site at www.ti.com for the latest information.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS3091 THS3095


Similar Part No. - THS3091DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091D TI-THS3091D Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091D TI-THS3091D Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
THS3091D TI-THS3091D Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3091DDA TI-THS3091DDA Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DDA TI-THS3091DDA Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
More results

Similar Description - THS3091DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091_V02 Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3091 TI-THS3091_V01 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com