Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6351A035DR-G Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6351A035DR-G
Description  Charge Pump Voltage Inverter IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6351A035DR-G Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6351A035DR-G Datasheet HTML 1Page - Torex Semiconductor XC6351A035DR-G Datasheet HTML 2Page - Torex Semiconductor XC6351A035DR-G Datasheet HTML 3Page - Torex Semiconductor XC6351A035DR-G Datasheet HTML 4Page - Torex Semiconductor XC6351A035DR-G Datasheet HTML 5Page - Torex Semiconductor XC6351A035DR-G Datasheet HTML 6Page - Torex Semiconductor XC6351A035DR-G Datasheet HTML 7Page - Torex Semiconductor XC6351A035DR-G Datasheet HTML 8Page - Torex Semiconductor XC6351A035DR-G Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
XC6351A Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Supply Current
IDD
-
310
520
μA
1
Operating Voltage Range
VIN
RL=5kΩ
1.2
-
5.0
V
2
Oscillation Frequency
FOSC
75
120
192
kHz
1
Power Transition Efficiency
EFFI
RL=2kΩ
-
90
-
%
2
Voltage Transition Efficiency
VEFFI
RL=∞
95
-
-
%
2
Output Impedance
ROUT
RL=5kΩ
-
45
90
Ω
2
Stand -by Current
ISTB
CE/=VIN
-
-
2.0
μA
3
CE/ 'H' Level Voltage
VCEH
0.9
-
-
V
3
CE/ 'L' Level Voltage
VCEL
-
-
0.25
V
3
■ NOTES ON USE
■ELECTRICAL CHARACTERISTICS
FOSC=120kHz, Ta=25℃
Measuring Conditions: Unless otherwise stated, VIN = 5.0V, CE/ = 0V
■ TYPICAL APPLICATION CIRCUIT
●Standard Circuit
External components:
CIN = 1μF (ceramic capacitor)
C1 = C2 = 1μF (ceramic capacitor)*
* With the custom 35kHz frequency, C1 = C2 = 3.3 μF
1. Please use the IC & external components: within the specified electrical characteristics range and ensure that
absolute maximum ratings are not exceeded.
2. For C1 & C2, please use a capacitor with as small an ESR value as possible.
3. In order to reduce impedance between the IC's input pin and the power supply, we recommend that a capacitor (CIN)
be connected to the input side.
4. If an external power supply is applied to the output pin in order to have VOUT connected to GND during standby,
large current flows through the IC are a possibility.
Further, do not use a capacitor at C2 that has a large
capacitance value.


Similar Part No. - XC6351A035DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6351A035DR TOREX-XC6351A035DR Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A035DR TOREX-XC6351A035DR Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
More results

Similar Description - XC6351A035DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
XC6351A-12 TOREX-XC6351A-12 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351 TOREX-XC6351_V01 Datasheet
447Kb / 11P
   Charge Pump Voltage Inverter IC
logo
Mitsumi Electronics, Co...
MM3631 MITSUMI-MM3631 Datasheet
207Kb / 10P
   Charge pump voltage converter IC
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403 TI-TPS60403 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI1-TPS60400_12 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com