Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT1G02DCKRE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 74AHCT1G02DCKRE4
Description  SINGLE 2-INPUT POSITIVE-NOR GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AHCT1G02DCKRE4 Datasheet(HTML) 3 Page - Texas Instruments

  74AHCT1G02DCKRE4 Datasheet HTML 1Page - Texas Instruments 74AHCT1G02DCKRE4 Datasheet HTML 2Page - Texas Instruments 74AHCT1G02DCKRE4 Datasheet HTML 3Page - Texas Instruments 74AHCT1G02DCKRE4 Datasheet HTML 4Page - Texas Instruments 74AHCT1G02DCKRE4 Datasheet HTML 5Page - Texas Instruments 74AHCT1G02DCKRE4 Datasheet HTML 6Page - Texas Instruments 74AHCT1G02DCKRE4 Datasheet HTML 7Page - Texas Instruments 74AHCT1G02DCKRE4 Datasheet HTML 8Page - Texas Instruments 74AHCT1G02DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN74AHCT1G02
SINGLE 2-INPUT POSITIVE-NOR GATE
SCLS341K – APRIL 1996 – REVISED FEBRUARY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
CL = 15 pF
2.4
5.5
1
6.5
ns
tPHL
A or B
Y
CL = 15 pF
3.5
5.5
1
6.5
ns
tPLH
AorB
Y
CL = 50 pF
3.4
7.5
1
8.5
ns
tPHL
A or B
Y
CL = 50 pF
4.5
7.5
1
8.5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
17
pF


Similar Part No. - 74AHCT1G02DCKRE4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G02 PHILIPS-74AHCT1G02 Datasheet
80Kb / 16P
   2-input NOR gate
2002 May 27
logo
Diodes Incorporated
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Nexperia B.V. All right...
74AHCT1G02 NEXPERIA-74AHCT1G02 Datasheet
210Kb / 11P
   2-input NOR gate
Rev. 8 - 11 January 2022
74AHCT1G02-Q100 NEXPERIA-74AHCT1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
logo
NXP Semiconductors
74AHCT1G02GV PHILIPS-74AHCT1G02GV Datasheet
80Kb / 16P
   2-input NOR gate
2002 May 27
More results

Similar Description - 74AHCT1G02DCKRE4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74AHCT1G02Q DIODES-74AHCT1G02Q Datasheet
509Kb / 9P
   SINGLE 2-INPUT POSITIVE NOR GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com