Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT1G02DBVRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74AHCT1G02DBVRE4
Description  SINGLE 2-INPUT POSITIVE-NOR GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AHCT1G02DBVRE4 Datasheet(HTML) 1 Page - Texas Instruments

  74AHCT1G02DBVRE4 Datasheet HTML 1Page - Texas Instruments 74AHCT1G02DBVRE4 Datasheet HTML 2Page - Texas Instruments 74AHCT1G02DBVRE4 Datasheet HTML 3Page - Texas Instruments 74AHCT1G02DBVRE4 Datasheet HTML 4Page - Texas Instruments 74AHCT1G02DBVRE4 Datasheet HTML 5Page - Texas Instruments 74AHCT1G02DBVRE4 Datasheet HTML 6Page - Texas Instruments 74AHCT1G02DBVRE4 Datasheet HTML 7Page - Texas Instruments 74AHCT1G02DBVRE4 Datasheet HTML 8Page - Texas Instruments 74AHCT1G02DBVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN74AHCT1G02
SINGLE 2-INPUT POSITIVE-NOR GATE
SCLS341K – APRIL 1996 – REVISED FEBRUARY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Range of 4.5 V to 5.5 V
D Max tpd of 6.5 ns at 5 V
D Low Power Consumption, 10-µA Max ICC
D ±8-mA Output Drive at 5 V
D Inputs Are TTL-Voltage Compatible
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
description/ordering information
This device contains a single 2-input NOR gate that performs the Boolean function Y
= A • B or Y = A + B in
positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
SOT (SOT-23) – DBV
Reel of 3000
SN74AHCT1G02DBVR
B02
40
°Cto85°C
SOT (SOT-23) – DBV
Reel of 250
SN74AHCT1G02DBVT
B02_
–40
°C to 85°C
SOT (SC 70)
DCK
Reel of 3000
SN74AHCT1G02DCKR
BB
SOT (SC-70) – DCK
Reel of 250
SN74AHCT1G02DCKT
BB_
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
‡ The actual top-side marking has one additional character that designates the assembly/test site.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
Y
H
X
L
X
HL
L
L
H
logic diagram (positive logic)
1
A
2
B
Y
4
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DBV OR DCK PACKAGE
(TOP VIEW)
1
2
3
5
4
A
B
GND
VCC
Y


Similar Part No. - 74AHCT1G02DBVRE4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G02 PHILIPS-74AHCT1G02 Datasheet
80Kb / 16P
   2-input NOR gate
2002 May 27
logo
Diodes Incorporated
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Nexperia B.V. All right...
74AHCT1G02 NEXPERIA-74AHCT1G02 Datasheet
210Kb / 11P
   2-input NOR gate
Rev. 8 - 11 January 2022
74AHCT1G02-Q100 NEXPERIA-74AHCT1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
logo
NXP Semiconductors
74AHCT1G02GV PHILIPS-74AHCT1G02GV Datasheet
80Kb / 16P
   2-input NOR gate
2002 May 27
More results

Similar Description - 74AHCT1G02DBVRE4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74AHCT1G02Q DIODES-74AHCT1G02Q Datasheet
509Kb / 9P
   SINGLE 2-INPUT POSITIVE NOR GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com