Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS32EL0421SQX Datasheet(PDF) 7 Page - Texas Instruments

Part # DS32EL0421SQX
Description  5-bit DDR LVDS Parallel Data Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS32EL0421SQX Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS32EL0421SQX Datasheet HTML 3Page - Texas Instruments DS32EL0421SQX Datasheet HTML 4Page - Texas Instruments DS32EL0421SQX Datasheet HTML 5Page - Texas Instruments DS32EL0421SQX Datasheet HTML 6Page - Texas Instruments DS32EL0421SQX Datasheet HTML 7Page - Texas Instruments DS32EL0421SQX Datasheet HTML 8Page - Texas Instruments DS32EL0421SQX Datasheet HTML 9Page - Texas Instruments DS32EL0421SQX Datasheet HTML 10Page - Texas Instruments DS32EL0421SQX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
DS32EL0421, DS32ELX0421
www.ti.com
SNLS282F – MAY 2008 – REVISED APRIL 2013
SMBus Timing Specifications
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tSMB
Bus Operating Frequency
10
100
kHz
tBUF
Bus Free Time between Stop and Start Condition
4.7
μs
tHD:STA
Hold time after (repeated) start condition. After this
4.0
μs
period, the first clock is generated.
tSU:STA
Repeated Start Condition Setup Time
4.7
μs
tSU:STO
Stop Condition Setup Time
4.0
μs
tHD:DAT
Data Hold Time
300
ns
tSU:DAT
Data Setup Time
250
ns
tLOW
Clock Low Time
4.7
μs
tHIGH
Clock High Time
4.0
50
μs
tF
Clock/Data Fall Time
20% to 80%
300
ns
tR
Clock/Data Rise Time
1000
ns
tSU:CS
SMB_CS Setup Time
30
ns
tPOR
Time in which the device must be operation after
See (3)
500
ms
power on
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Typical values represent most likely parametric norms for VCC = +3.3V and TA = +25°C, and at the Recommended Operation Conditions
at the time of product characterization and are not ensured.
(3)
Parameter is ensured by characterization and is not tested at production.
LVDS Electrical Specifications
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VTH
Differential Input High Threshold
+100
mV
0.05V < VLVCM < VDD25 – 0.05V
VTL
Differential Input Low Threshold
-100
mV
VLVCM
LVDS Input Common Mode Voltage
0.05
VDD25
V
0.05
VLVOS
LVDS Input Loss of Signal
LVDS input loss of signal level.
20
mVP-P
See (4)
RLVIN
Input Impedance
Internal LVDS input termination
85
100
115
between differential pairs.
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
except VOD and ΔVOD.
(3)
Typical values represent most likely parametric norms for VCC = +3.3V and TA = +25°C, and at the Recommended Operation Conditions
at the time of product characterization and are not ensured.
(4)
If input LVDS signal is below 20mVP-P, loss of signal (LOS) is detected. The device will flag a valid input signal if the signal level is
above 100mVP-P
LVDS Timing Specifications
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
f
Input DDR Clock (TxCLKIN) Frequency Range
125
312.5
MHz
tCIP
TxCLKIN Period
See Figure 3
3.2
2T
8
ns
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Typical values represent most likely parametric norms for VCC = +3.3V and TA = +25°C, and at the Recommended Operation Conditions
at the time of product characterization and are not ensured.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS32EL0421 DS32ELX0421


Similar Part No. - DS32EL0421SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS32EL0421SQX/NOPB TI1-DS32EL0421SQX/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   DS32EL0421 , DS32ELX0421 125 - 312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
More results

Similar Description - DS32EL0421SQX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS32EL0421_0807 NSC-DS32EL0421_0807 Datasheet
536Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
DS32EL0421 NSC-DS32EL0421 Datasheet
522Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
DS32EL0124_0807 NSC-DS32EL0124_0807 Datasheet
490Kb / 26P
   125 MHz . 312.5 MHz Deserializer with DDR LVDS Parallel Interface
DS32EL0124 NSC-DS32EL0124 Datasheet
459Kb / 24P
   125 MHz - 312.5 MHz Deserializer with DDR LVDS Parallel Interface
DS32EL0421 NSC-DS32EL0421_09 Datasheet
1Mb / 28P
   125-312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
logo
Mitsubishi Electric Sem...
M54610P MITSUBISHI-M54610P Datasheet
189Kb / 9P
   8-BIT PARALLEL DATA INTERFACE FOR PRINTER
logo
National Semiconductor ...
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
logo
Texas Instruments
DS32EL0421 TI1-DS32EL0421_15 Datasheet
2Mb / 32P
[Old version datasheet]   DS32EL0421 , DS32ELX0421 125 - 312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
DS32EL0124 TI1-DS32EL0124_15 Datasheet
2Mb / 34P
[Old version datasheet]   DS32EL0124 , DS32ELX0124 125 MHz - 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
logo
Fujitsu Component Limit...
MB89255A FUJITSU-MB89255A Datasheet
113Kb / 1P
   PARALLEL DATA I/O INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com