Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4131PA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4131PA
Description  General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4131PA Datasheet(HTML) 5 Page - Texas Instruments

  OPA4131PA Datasheet HTML 1Page - Texas Instruments OPA4131PA Datasheet HTML 2Page - Texas Instruments OPA4131PA Datasheet HTML 3Page - Texas Instruments OPA4131PA Datasheet HTML 4Page - Texas Instruments OPA4131PA Datasheet HTML 5Page - Texas Instruments OPA4131PA Datasheet HTML 6Page - Texas Instruments OPA4131PA Datasheet HTML 7Page - Texas Instruments OPA4131PA Datasheet HTML 8Page - Texas Instruments OPA4131PA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
OPA131, 2131, 4131
5
SBOS040A
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
QUIESCENT CURRENT AND SHORT-CIRCUIT CURRENT
vs TEMPERATURE
Temperature (
°C)
1.8
1.6
1.4
1.2
1
40
30
20
10
0
–75
–50
–25
0
25
50
75
100
125
I
SC+
I
SC–
I
Q
V
S = ±5V
I
Q
V
S = ±15V
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/°C)
–7 –6 –5 –4 –3 –2 –1
0
1234567
35
30
25
20
15
10
5
0
Typical production distribution
of packaged units. Single,
dual and quad units included.
OPEN-LOOP GAIN vs TEMPERATURE
Ambient Temperature (
°C)
120
115
110
105
100
–75
–50
–25
0
25
50
75
100
125
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
20
15
10
5
0
Typical production distribution
of packaged units. Single,
dual and quad units included.
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
1
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
G = 1V/V
G = 100V/V
V
O = 3.5Vrms
G = 10V/V
Bandwidth-
Limited
MAXIMUM OUTPUT VOLTAGE
vs FREQUENCY
1M
Frequency (Hz)
10k
100k
V
S = ±5V
Maximum output voltage
without slew-rate induced
distortion.
10M
30
20
10
0
V
S = ±15V


Similar Part No. - OPA4131PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4131PA BURR-BROWN-OPA4131PA Datasheet
318Kb / 7P
   General Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4131PA TI-OPA4131PA Datasheet
1Mb / 18P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA4131PA TI1-OPA4131PA Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA4131PAG4 TI1-OPA4131PAG4 Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4131PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA131 TI1-OPA131_16 Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131 TI-OPA131 Datasheet
1Mb / 18P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA131 BURR-BROWN-OPA131 Datasheet
318Kb / 7P
   General Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
TL082 DIODES-TL082 Datasheet
228Kb / 11P
   GENERAL PURPOSE JFET INPUT OPERATIONAL AMPLIFIERS
TL082 Rev. 1
logo
STMicroelectronics
TL084 STMICROELECTRONICS-TL084_01 Datasheet
313Kb / 12P
   GENERAL PURPOSE J-FET QUAD OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082_07 Datasheet
322Kb / 17P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
MC33004 STMICROELECTRONICS-MC33004 Datasheet
596Kb / 10P
   GENERAL PURPOSE QUAD J FET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com