Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGH15N60RUFD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. SGH15N60RUFD
Description  Short Circuit Rated IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

SGH15N60RUFD Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SGH15N60RUFD Rev. A1
©2002 Fairchild Semiconductor Corporation
Fig 7. Capacitance Characteristics
Fig 8. Turn-On Characteristics vs.
Gate Resistance
Fig 9. Turn-Off Characteristics vs.
Gate Resistance
Fig 10. Switching Loss vs. Gate Resistance
Fig 11. Turn-On Characteristics vs.
Collector Current
Fig 12. Turn-Off Characteristics vs.
Collector Current
110
0
300
600
900
1200
1500
1800
Cres
Coes
Cies
Common Emitter
V
GE = 0V, f = 1MHz
T
C = 25
Collector - Emitter Voltage, V
CE [V]
110
100
10
100
Common Emitter
V
CC = 300V, VGE =
± 15V
I
C = 15A
T
C =
25℃ ━━
T
C = 125
℃ ------
Ton
Tr
Gate Resistance, R
G []
110
100
100
1000
Toff
Tf
Toff
Tf
Common Emitter
V
CC = 300V, VGE =
± 15V
I
C = 15A
T
C =
25℃ ━━
T
C = 125
℃ ------
Gate Resistance, R
G []
110
100
100
1000
Eoff
Eon
Eoff
Common Emitter
V
CC = 300V, VGE =
± 15V
I
C = 15A
T
C =
25℃ ━━
T
C = 125
℃ ------
Gate Resistance, R
G []
5
101520
2530
10
100
Ton
Tr
Common Emitter
V
GE =
± 15V, R
G = 13
T
C =
25℃ ━━
T
C = 125
℃ ------
Collector Current, I
C [A]
5
10
15
202530
100
1000
Tf
Toff
Toff
Tf
Common Emitter
V
GE =
± 15V, R
G = 13
T
C =
25℃ ━━
T
C = 125
℃ ------
Collector Current, I
C [A]


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SGH15N120RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP10N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGW5N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
CPU165MKIGBT SIP MODULE Short Circuit Rated UltraFast IGBT 1 2 International Rectifier
SGH15N120RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP10N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
CPU165MMIGBT SIP MODULE Short Circuit Rated Fast IGBT 1 2 International Rectifier
CPV364MMShort Circuit Rated Fast IGBT 1 2 International Rectifier
SGH15N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP15N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn