Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1750U Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM1750U
Description  Dual CMOS 18-Bit Monolithic Audio NALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1750U Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1750U Datasheet HTML 5Page - Texas Instruments PCM1750U Datasheet HTML 6Page - Texas Instruments PCM1750U Datasheet HTML 7Page - Texas Instruments PCM1750U Datasheet HTML 8Page - Texas Instruments PCM1750U Datasheet HTML 9Page - Texas Instruments PCM1750U Datasheet HTML 10Page - Texas Instruments PCM1750U Datasheet HTML 11Page - Texas Instruments PCM1750U Datasheet HTML 12Page - Texas Instruments PCM1750U Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
®
PCM1750
the next rising edge of CLKIN, at the end of the test interval,
the comparator latch is strobed, providing a feedback logic
level which tells the second data latch if bit-2 should be kept
or rejected. This logic level is stored in the data latch and is
passed on to switch S2 via the NOR gate on the falling edge
of the pulse from SR2. This decision to keep or reject bit-2
moves the comparator input closer to a null condition,
namely, zero potential. This sequential process continues for
bit-3 through bit-18 and nulls the comparator inputs to
within a value limited by the total system noise and the
resolution/speed of the comparator.
Notice from the timing diagram in Figure 2 that the succes-
sive approximation algorithm operates synchronously with
an external clock to minimize digitally-coupled switching
noise from corrupting either the sample-to-hold operation or
the critical comparator bit decisions. The two serial output
data streams are derived synchronously from the respective
latched comparator outputs and are available after a delay of
one CLKIN cycle as illustrated in Figure 2. The serial output
driver cells are TTL and CMOS compatible.
DIFFERENTIAL LINEARITY CALIBRATION
To understand the calibration of the PCM1750 it is neces-
sary to discuss some of the characteristics of poly-poly
capacitors. Poly capacitors are known to have equal or better
stability and matching properties when compared to other
precision components such as thin film resistors. On a well
controlled process, ratio matching is typically 0.1% — a
very respectable number for an untrimmed component. Even
more impressive is their ratio tracking versus temperature of
approximately 0.1ppm/
°C.
Achieving DLE (differential linearity error) of less than 1/2
LSB at the 16-bit level requires ratio matching of the more
significant bits to about 0.001%. Since the untrimmed ratio
matching of poly capacitors is about two orders of magni-
tude larger than this requirement, a one-time factory calibra-
tion of the upper bits is required as described in the next
section. Next, consider the effect of temperature due to the
ratio tracking of 0.lppm/
°C. Over a 50°C span, DLE will
change less than 1LSB at 18-bits; therefore, recalibration at
temperature extremes is not necessary. Because of this
excellent stability versus temperature (and versus time, also),
the one-time factory calibration to correct initial DLE is
more than satisfactory in meeting the accuracy requirements
of the PCM1750.
TDAC OPERATION
Operation of the TDAC (trim DAC), which is laser trimmed
at the wafer level, is described using bit-1 as an example.
Switch S1T (see Figure 1) operates between two voltage
levels—a reference level set by voltage divider Ra, Rb and
a laser trimmable level set by R1a, R1b. The differences of
these two levels is coupled by capacitor C1T to the minus
input of the comparator to generate a correction voltage for
DQ
LR
DQ
R
SR
2
DQ
L R
DQ
L R
DQ
R
SR
18
DQ
L R
DQ
L R
DQ
S
SR
1
DQ
L R
DQ
R
SR
19
Control
Logic
To MSB
Switches Left
To Bit 2
Switches Left
To Bit 18
Switches Left
To MSB
Switches Right
To Bit 2
Switches Right
To Bit 18
Switches Right
Serial Data
From Latching
Comparator
Serial Data
From Latching
Comparator
Data
Latches
Left Channel
19-Bit
Shift
Register
Data
Latches
Right Channel
FIGURE 4. PCM1750 Successive Approximation Logic Diagram.


Similar Part No. - PCM1750U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1750U BURR-BROWN-PCM1750U Datasheet
240Kb / 18P
   Dual CMOS 18-Bit Monolithic Audio ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
PCM1750U TI1-PCM1750U Datasheet
236Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1750U/1K TI1-PCM1750U/1K Datasheet
236Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1750U/1KG4 TI1-PCM1750U/1KG4 Datasheet
236Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1750UG4 TI1-PCM1750UG4 Datasheet
236Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - PCM1750U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1750P BURR-BROWN-PCM1750P Datasheet
240Kb / 18P
   Dual CMOS 18-Bit Monolithic Audio ANALOG-TO-DIGITAL CONVERTER
PCM1700U BURR-BROWN-PCM1700U Datasheet
63Kb / 5P
   Dual 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM66P BURR-BROWN-PCM66P Datasheet
92Kb / 7P
   16-Bit CMOS Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM61P BURR-BROWN-PCM61P Datasheet
115Kb / 4P
   Serial Input 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM64P BURR-BROWN-PCM64P Datasheet
470Kb / 4P
   18 BIT AUDIO DIGITAL TO ANALOG CONVERTER
PCM63P BURR-BROWN-PCM63P Datasheet
254Kb / 10P
   Colinear??20-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
NEC
UPD63200 NEC-UPD63200 Datasheet
655Kb / 18P
   DIGITAL AUDIO 18 BIT D/A CONVERTER
logo
Burr-Brown (TI)
PCM67P BURR-BROWN-PCM67P Datasheet
95Kb / 13P
   Advanced 1-Bit BiCMOS Dual 18-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TMS57014A TI-TMS57014A Datasheet
227Kb / 16P
[Old version datasheet]   DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com