Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1750U Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM1750U
Description  Dual CMOS 18-Bit Monolithic Audio NALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1750U Datasheet(HTML) 5 Page - Texas Instruments

  PCM1750U Datasheet HTML 1Page - Texas Instruments PCM1750U Datasheet HTML 2Page - Texas Instruments PCM1750U Datasheet HTML 3Page - Texas Instruments PCM1750U Datasheet HTML 4Page - Texas Instruments PCM1750U Datasheet HTML 5Page - Texas Instruments PCM1750U Datasheet HTML 6Page - Texas Instruments PCM1750U Datasheet HTML 7Page - Texas Instruments PCM1750U Datasheet HTML 8Page - Texas Instruments PCM1750U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
®
PCM1750
FFT 88kHz and 92kHz (96kHz BW; 16384 POINTS)
0
–25
–50
–75
–100
–125
–150
0
Frequency (kHz)
20
40
60
80
96
–6dB
FFT 92kHz (96kHz BW; 2048 POINTS)
0
–25
–50
–75
–100
–125
–150
0
Frequency (kHz)
20
40
60
80
96
FFT 20kHz (24kHz BW; 2048 POINTS)
0
–25
–50
–75
–100
–125
–150
0
Frequency (kHz)
510
15
20
24
TYPICAL PERFORMANCE CURVES (CONT)
At 25
°C, and ±V
A; +VD = ±5V, unless otherwise noted. Where relevant, specifications apply to both left and right input-output channels.
FFT 17kHz and 21kHz (24kHz BW; 16384 POINTS)
0
–25
–50
–75
–100
–125
–150
0
Frequency (kHz)
510
15
20
24
–6dB
FFT 3.7kHz (96kHz BW; 2048 POINTS)
0
–25
–50
–75
–100
–125
–150
0
Frequency (kHz)
20
40
60
80
96
FFT 52kHz (96kHz BW; 2048 POINTS)
0
–25
–50
–75
–100
–125
–150
0
Frequency (kHz)
20
40
60
80
96


Similar Part No. - PCM1750U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1750U BURR-BROWN-PCM1750U Datasheet
240Kb / 18P
   Dual CMOS 18-Bit Monolithic Audio ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
PCM1750U TI1-PCM1750U Datasheet
236Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1750U/1K TI1-PCM1750U/1K Datasheet
236Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1750U/1KG4 TI1-PCM1750U/1KG4 Datasheet
236Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1750UG4 TI1-PCM1750UG4 Datasheet
236Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - PCM1750U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1750P BURR-BROWN-PCM1750P Datasheet
240Kb / 18P
   Dual CMOS 18-Bit Monolithic Audio ANALOG-TO-DIGITAL CONVERTER
PCM1700U BURR-BROWN-PCM1700U Datasheet
63Kb / 5P
   Dual 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM66P BURR-BROWN-PCM66P Datasheet
92Kb / 7P
   16-Bit CMOS Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM61P BURR-BROWN-PCM61P Datasheet
115Kb / 4P
   Serial Input 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM64P BURR-BROWN-PCM64P Datasheet
470Kb / 4P
   18 BIT AUDIO DIGITAL TO ANALOG CONVERTER
PCM63P BURR-BROWN-PCM63P Datasheet
254Kb / 10P
   Colinear??20-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
NEC
UPD63200 NEC-UPD63200 Datasheet
655Kb / 18P
   DIGITAL AUDIO 18 BIT D/A CONVERTER
logo
Burr-Brown (TI)
PCM67P BURR-BROWN-PCM67P Datasheet
95Kb / 13P
   Advanced 1-Bit BiCMOS Dual 18-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TMS57014A TI-TMS57014A Datasheet
227Kb / 16P
[Old version datasheet]   DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com