Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS14C232 Datasheet(PDF) 8 Page - Texas Instruments

Part # DS14C232
Description  DS14C232 Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS14C232 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS14C232 Datasheet HTML 4Page - Texas Instruments DS14C232 Datasheet HTML 5Page - Texas Instruments DS14C232 Datasheet HTML 6Page - Texas Instruments DS14C232 Datasheet HTML 7Page - Texas Instruments DS14C232 Datasheet HTML 8Page - Texas Instruments DS14C232 Datasheet HTML 9Page - Texas Instruments DS14C232 Datasheet HTML 10Page - Texas Instruments DS14C232 Datasheet HTML 11Page - Texas Instruments DS14C232 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DS14C232
SNLS076C – OCTOBER 1999 – REVISED APRIL 2013
www.ti.com
PIN DESCRIPTIONS
VCC (Pin 16)
Power supply pin for the device, +5V (±10%).
V+ (Pin 2)
Positive supply for TIA/EIA-232-E drivers. Recommended external capacitor: C4-1.0
μF (6.3V). Capacitor value should be larger than 1 μF.
This supply is not intended to be loaded externally.
V
− (Pin 6)
Negative supply for TIA/EIA-232-E drivers. Recommended external capacitor: C3-1.0
μF (16V). Capacitor value should be larger than 1 μF.
This supply is not intended to be loaded externally.
C1+, C1
− (Pins 1, 3)
External capacitor connection pins. Recommended capacitor: 1.0
μF (6.3V). Capacitor value should be larger than 1 μF.
C2+, C2
− (Pins 4, 5)
External capacitor connection pins. Recommended capacitor: 1.0
μF (16V). Capacitor value should be greater than 1 μF.
DIN1, DIN2 (Pins 11, 10)
Driver input pins are TTL/CMOS compatible. Inputs of unused drivers may be left open, an internal active pull-up resistor (500 k
Ω minimum,
typically 5 M
Ω) pulls input HIGH. Output will be LOW for open inputs.
DOUT1, DOUT2 (Pins 14, 7)
Driver output pins conform to TIA/EIA-232-E levels.
RIN1, RIN2 (Pins 13, 8)
Receiver input pins accept TIA/EIA-232-E input voltages (±25V). Receivers feature a noise filter and specified hysteresis of 100 mV.
Unused receiver input pins may be left open. Internal input resistor 4.7 k
Ω pulls input low, providing a failsafe high output.
ROUT1, ROUT2 (Pins 12, 9)
Receiver output pins are TTL/CMOS compatible. Receiver output HIGH voltage is specified for both CMOS and TTL load conditions.
GND (Pin 15)
Ground Pin.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DS14C232


Similar Part No. - DS14C232

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C232 NSC-DS14C232 Datasheet
232Kb / 12P
   Low Power 5V Powered TIA/EIA-232 Dual
logo
Texas Instruments
DS14C232 TI1-DS14C232 Datasheet
938Kb / 18P
[Old version datasheet]   Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
logo
Rochester Electronics
DS14C232B ROCHESTER-DS14C232B Datasheet
630Kb / 1P
   LOW POWER LINE TRANSCEIVER ideal for battery conscious applications
logo
National Semiconductor ...
DS14C232CM NSC-DS14C232CM Datasheet
232Kb / 12P
   Low Power 5V Powered TIA/EIA-232 Dual
logo
Rochester Electronics
DS14C232CM ROCHESTER-DS14C232CM Datasheet
630Kb / 1P
   LOW POWER LINE TRANSCEIVER ideal for battery conscious applications
More results

Similar Description - DS14C232

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C202 NSC-DS14C202 Datasheet
140Kb / 8P
   Low Power 5V Powered EIA/TIA-232 Dual Driver/Receiver
logo
Texas Instruments
DS14C232 TI1-DS14C232_15 Datasheet
938Kb / 18P
[Old version datasheet]   Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
logo
National Semiconductor ...
DS14C232 NSC-DS14C232 Datasheet
232Kb / 12P
   Low Power 5V Powered TIA/EIA-232 Dual
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
[Old version datasheet]   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
DS14C239 NSC-DS14C239 Datasheet
120Kb / 8P
   Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C238 NSC-DS14C238_02 Datasheet
102Kb / 5P
   Single Supply TIA/EIA-232 4X4 Driver/Receiver
LMS202 NSC-LMS202 Datasheet
114Kb / 5P
   5V Single Supply TIA/EIA-232 Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com