Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA379AIDG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA379AIDG4
Description  1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA379AIDG4 Datasheet(HTML) 4 Page - Texas Instruments

  OPA379AIDG4 Datasheet HTML 1Page - Texas Instruments OPA379AIDG4 Datasheet HTML 2Page - Texas Instruments OPA379AIDG4 Datasheet HTML 3Page - Texas Instruments OPA379AIDG4 Datasheet HTML 4Page - Texas Instruments OPA379AIDG4 Datasheet HTML 5Page - Texas Instruments OPA379AIDG4 Datasheet HTML 6Page - Texas Instruments OPA379AIDG4 Datasheet HTML 7Page - Texas Instruments OPA379AIDG4 Datasheet HTML 8Page - Texas Instruments OPA379AIDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ELECTRICAL CHARACTERISTICS: VS = +1.8V to +5.5V
OPA379
OPA2379
OPA4379
SBOS347D – NOVEMBER 2005 – REVISED MAY 2008 ................................................................................................................................................... www.ti.com
Boldface limits apply over the specified temperature range indicated.
At TA = +25°C, RL = 25kΩ connected to VS/2, and VCM < (V+) – 1V, unless otherwise noted.
OPA379, OPA2379, OPA4379
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Initial Offset Voltage
VOS
VS = 5V
0.4
1.5
mV
Over –40
°C to +125°C
2
mV
Drift, –40
°C to +85°C
dVOS/dT
1.5
µV/°C
Drift, –40
°C to +125°C
2.7
µV/°C
vs Power Supply
PSRR
2
10
µV/V
Over –40
°C to +125°C
20
µV/V
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) – 0.1 to (V+) + 0.1
V
Common-Mode Rejection Ratio(1)
CMRR
(V–) < VCM < (V+) – 1V
90
100
dB
Over –40
°C to +85°C
(V–) < VCM < (V+) – 1V
80
dB
Over –40
°C to +125°C
(V–) < VCM < (V+) – 1V
62
dB
INPUT BIAS CURRENT
Input Bias Current
IB
VS = 5V, VCM ≤ VS/2
±5
±50
pA
Input Offset Current
IOS
VS = 5V
±5
±50
pA
INPUT IMPEDANCE
Differential
Ω || pF
1013 || 3
Common-Mode
Ω || pF
1013 || 6
NOISE
Input Voltage Noise
f = 0.1Hz to 10Hz
2.8
µV
PP
Input Voltage Noise Density
en
f = 1kHz
80
nV/
√Hz
Input Current Noise Density
in
f = 1kHz
1
fA/
√Hz
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
VS = 5V, RL = 25kΩ, 100mV < VO < (V+) – 100mV
100
120
dB
Over –40
°C to +125°C
VS = 5V, RL = 25kΩ, 100mV < VO < (V+) – 100mV
80
dB
VS = 5V, RL = 5kΩ, 500mV < VO < (V+) – 500mV
100
120
dB
Over –40
°C to +125°C
VS = 5V, RL = 5kΩ, 500mV < VO < (V+) – 500mV
80
dB
OUTPUT
Voltage Output Swing from Rail
RL = 25kΩ
5
10
mV
Over –40
°C to +125°C
RL = 25kΩ
15
mV
RL = 5kΩ
25
50
mV
Over –40
°C to +125°C
RL = 5kΩ
75
mV
Short-Circuit Current
ISC
±5
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
Closed-Loop Output Impedance
ROUT
G = 1, f = 1kHz, IO = 0
10
Open-Loop Output Impedance
RO
f = 100kHz, IO = 0
28
k
FREQUENCY RESPONSE
CLOAD = 30pF
Gain Bandwidth Product
GBW
90
kHz
Slew Rate
SR
G = +1
0.03
V/
µs
Overload Recovery Time
VIN × GAIN > VS
25
µs
Turn-On Time
tON
1
ms
(1)
See Typical Characteristic gragh, Common-Mode Rejection Ratio vs Frequency (Figure 3).
4
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA379 OPA2379 OPA4379


Similar Part No. - OPA379AIDG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA379AIDG4 BURR-BROWN-OPA379AIDG4 Datasheet
237Kb / 12P
   1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA379AIDG4 TI-OPA379AIDG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
OPA379AIDG4 TI-OPA379AIDG4 Datasheet
1Mb / 29P
[Old version datasheet]   18V 29mA90kHz, Rail-to-Rail I/O ATIONAL AMPLIFIERS
More results

Similar Description - OPA379AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA379AIDBVR TI1-OPA379AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA379AIDBVR TI-OPA379AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA379 BURR-BROWN-OPA379 Datasheet
237Kb / 12P
   1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com