Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGH15N120RUFD Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. SGH15N120RUFD
Description  Short Circuit Rated IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

SGH15N120RUFD Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SGH15N120RUFD Rev. B2
©2002 Fairchild Semiconductor Corporation
Electrical Characteristics of the IGBT T
C = 25°C unless otherwise noted
Electrical Characteristics of DIODE T
C = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Off Characteristics
BVCES
Collector-Emitter Breakdown Voltage
VGE = 0V, IC = 1mA
1200
--
--
V
∆B
VCES/
∆T
J
Temperature Coefficient of Breakdown
Voltage
VGE = 0V, IC = 1mA
--
0.6
--
V/
°C
ICES
Collector Cut-Off Current
VCE = VCES, VGE = 0V
--
--
1
mA
IGES
G-E Leakage Current
VGE = VGES, VCE = 0V
--
--
± 100
nA
On Characteristics
VGE(th)
G-E Threshold Voltage
IC = 15mA, VCE = VGE
3.5
5.5
7.5
V
VCE(sat)
Collector to Emitter
Saturation Voltage
IC = 15A,
VGE = 15V
--
2.3
3.0
V
IC = 24A,
VGE = 15V
--
2.8
--
V
Dynamic Characteristics
Cies
Input Capacitance
VCE = 30V, VGE = 0V,
f = 1MHz
--
1400
--
pF
Coes
Output Capacitance
--
135
--
pF
Cres
Reverse Transfer Capacitance
--
45
--
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VCC = 600 V, IC = 15A,
RG = 20Ω, VGE = 15V,
Inductive Load, TC = 25°C
--
20
--
ns
tr
Rise Time
--
60
--
ns
td(off)
Turn-Off Delay Time
--
60
110
ns
tf
Fall Time
--
150
300
ns
Eon
Turn-On Switching Loss
--
1.0
--
mJ
Eoff
Turn-Off Switching Loss
--
0.98
--
mJ
Ets
Total Switching Loss
--
1.98
2.8
mJ
td(on)
Turn-On Delay Time
VCC = 600 V, IC = 15A,
RG = 20Ω, VGE = 15V,
Inductive Load, TC = 125°C
--
20
--
ns
tr
Rise Time
--
70
--
ns
td(off)
Turn-Off Delay Time
--
80
150
ns
tf
Fall Time
--
200
400
ns
Eon
Turn-On Switching Loss
--
1.13
--
mJ
Eoff
Turn-Off Switching Loss
--
1.50
--
mJ
Ets
Total Switching Loss
--
2.63
3.81
mJ
Tsc
Short Circuit Withstand Time
VCC = 600 V, VGE = 15V
@
TC = 100°C
10
--
--
µs
Qg
Total Gate Charge
VCE = 600 V, IC = 15A,
VGE = 15V
--
72
108
nC
Qge
Gate-Emitter Charge
--
10
15
nC
Qgc
Gate-Collector Charge
--
30
45
nC
Le
Internal Emitter Inductance
Measured 5mm from PKG
--
14
--
nH
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VFM
Diode Forward Voltage
IF = 15A
TC = 25°C
--
2.9
3.5
V
TC = 100°C
--
2.7
--
trr
Diode Reverse Recovery Time
IF = 15A
dI/dt = 200 A/
µs
TC = 25°C
--
70
100
ns
TC = 100°C
--
85
--
Irr
Diode Peak Reverse Recovery
Current
TC = 25°C
--
7.0
9.0
A
TC = 100°C
--
8.5
--
Qrr
Diode Reverse Recovery Charge
TC = 25°C
--
245
450
nC
TC = 100°C
--
360
--


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SGH15N120RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP10N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGW5N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
CPU165MKIGBT SIP MODULE Short Circuit Rated UltraFast IGBT 1 2 International Rectifier
SGH15N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP10N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
CPU165MMIGBT SIP MODULE Short Circuit Rated Fast IGBT 1 2 International Rectifier
CPV364MMShort Circuit Rated Fast IGBT 1 2 International Rectifier
SGH15N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP15N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn