Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8816 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8816
Description  DMOS DUAL 쩍-H-BRIDGE MOTOR DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8816 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8816 Datasheet HTML 2Page - Texas Instruments DRV8816 Datasheet HTML 3Page - Texas Instruments DRV8816 Datasheet HTML 4Page - Texas Instruments DRV8816 Datasheet HTML 5Page - Texas Instruments DRV8816 Datasheet HTML 6Page - Texas Instruments DRV8816 Datasheet HTML 7Page - Texas Instruments DRV8816 Datasheet HTML 8Page - Texas Instruments DRV8816 Datasheet HTML 9Page - Texas Instruments DRV8816 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DRV8816
SLRS063 – SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (VBB)
VBB
VBB operating voltage
8
38
V
fPWM < 50 kHz
6
mA
IVBB
VBB operating supply current
Charge pump on, Outputs disabled
3.2
mA
IVBBQ
VBB sleep-mode supply current nSLEEP = 0, TJ = 25°C
10
µA
CONTROL INPUTS (IN1, IN2, EN1, EN2, nSLEEP)
VIL
Input logic low voltage
VIN = 0.8 V
0
0.8
IN1, IN2, EN1, EN2
V
VIH
Input logic high voltage
VIN = 2.0 V
2
5.5
IIL
Input logic low current
VIN = 0.8 V
–20
+20
IN1, IN2, EN2
μA
IIH
Input logic high current
VIN = 2.0 V
20
IIL
Input logic low current
VIN = 0.8 V
16
40
EN1
μA
IIH
Input logic high current
VIN = 2.0 V
40
100
VIL
Input logic low voltage
VIN = 0.8 V
0.8
V
VIH
Input logic high voltage
VIN = 2.8 V
2.2
V
nSLEEP
IIL
Input logic low current
VIN = 0.8 V
10
μA
IIH
Input logic high current
VIN = 2.8 V
27
50
RPD
Pulldown resistance
100
k
Ω
SERIAL AND CONTROL OUTPUT (nFAULT)
VOL
Output logic low voltage
Isink = 1 mA
0.4
V
DMOS DRIVERS (OUT1, OUT2, SENSE)
Source driver, IOUT = –2.8 A, TJ = 25°C
0.48
Source driver, IOUT = –2.8 A, TJ = 125°C
0.74
0.85
Rds(ON)
Output ON resistance
Sink driver, IOUT = –2.8 A, TJ = 25°C
0.35
Sink driver, IOUT = –2.8 A, TJ = 125°C
0.52
0.7
VTRP
SENSE trip voltage
RSENSE between SENSE and GND
500
mV
Source diode, If = –2.8 A
1.4
Vf
Body diode forward voltage
V
Sink diode, If = 2.8 A
1.4
INx, Change to source or sink ON
600
tpd
Propagation delay time
ns
INx, Change to source or sink OFF
100
tCOD
Crossover delay
500
ns
DAGain
Differential amplifier gain
Sense = 0.1 V to 0.4 V
5
V/V
Protection Circuits
VUVLO
VBB undervoltage lockout
VBB rising
6.5
7.5
V
VCPUV
VCP undervoltage lockout(1)
VBB rising; CPUV recovery
12
13.8
V
IOCP
Overcurrent protection trip level
3
A
tDEG
Overcurrent deglitch time
3.0
µs
tOCP
Overcurrent retry time
1.6
ms
TOTW
Thermal shutdown temperature
Die temperature Tj
160
°C
TOTW HYS Thermal shutdown hysteresis
Die temperature Tj
15
°C
TOTS
Thermal shutdown hysteresis
Die temperature Tj
175
°C
TOTS HYS Thermal shutdown hysteresis
Die temperature Tj
15
°C
(1)
Whenever VCP is less than VM + 10 V, a CPUV event occurs. This fault will be asserted whenever VBB is below 12 V. Note that the H-
bridges will remain enabled until VBB = VUVLO even through nFAULT is pulled low.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DRV8816


Similar Part No. - DRV8816

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8816 TI1-DRV8816 Datasheet
861Kb / 17P
[Old version datasheet]   DMOS DUAL 1/2-H-BRIDGE MOTOR DRIVERS
DRV8816PWP TI1-DRV8816PWP Datasheet
861Kb / 17P
[Old version datasheet]   DMOS DUAL 1/2-H-BRIDGE MOTOR DRIVERS
DRV8816PWP TI1-DRV8816PWP Datasheet
1Mb / 27P
[Old version datasheet]   DMOS Dual 1/2-H-Bridge Motor Drivers
DRV8816PWPR TI1-DRV8816PWPR Datasheet
861Kb / 17P
[Old version datasheet]   DMOS DUAL 1/2-H-BRIDGE MOTOR DRIVERS
DRV8816PWPR TI1-DRV8816PWPR Datasheet
1Mb / 27P
[Old version datasheet]   DMOS Dual 1/2-H-Bridge Motor Drivers
More results

Similar Description - DRV8816

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8816 TI1-DRV8816 Datasheet
861Kb / 17P
[Old version datasheet]   DMOS DUAL 1/2-H-BRIDGE MOTOR DRIVERS
DRV8816 TI1-DRV8816_15 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS Dual 1/2-H-Bridge Motor Drivers
DRV8816 TI-DRV8816_15 Datasheet
985Kb / 27P
[Old version datasheet]   DRV8816 DMOS Dual 1/2-H-Bridge Motor Drivers
logo
Allegro MicroSystems
2993 ALLEGRO-2993 Datasheet
116Kb / 8P
   DUAL H-BRIDGE MOTOR DRIVERS
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com