Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8816PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8816PWPR
Description  DMOS DUAL 쩍-H-BRIDGE MOTOR DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8816PWPR Datasheet(HTML) 4 Page - Texas Instruments

  DRV8816PWPR Datasheet HTML 1Page - Texas Instruments DRV8816PWPR Datasheet HTML 2Page - Texas Instruments DRV8816PWPR Datasheet HTML 3Page - Texas Instruments DRV8816PWPR Datasheet HTML 4Page - Texas Instruments DRV8816PWPR Datasheet HTML 5Page - Texas Instruments DRV8816PWPR Datasheet HTML 6Page - Texas Instruments DRV8816PWPR Datasheet HTML 7Page - Texas Instruments DRV8816PWPR Datasheet HTML 8Page - Texas Instruments DRV8816PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DRV8816
SLRS063 – SEPTEMBER 2013
www.ti.com
EXTERNAL COMPONENTS
Component
Pin 1
Pin 2
Recommended
CVBB1
VBB
GND
0.1 µF capacitor rated for VBB
CVBB1
VBB
GND
100 µF capacitor rated for VBB
CVCP
VCP
VBB
16 V, 0.1 µF ceramic capacitor
RnFAULT
VCC(1)
nFAULT
> 1 k
RSENSE
SENSE
GND
Optional low-side sense resistor connected to shunt
(1)
VCC is not a pin on the DRV8816, but a VCC supply voltage pullup is required for open-drain output nFAULT
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VBB
Load supply voltage
-0.6
40
V
Charge Pump Voltage (VCP, CP+)
-0.6
VBB + 7
V
Charge pump negative switching pin range (CP-)
-0.6
VBB
V
VDD
Digital pin voltage range (IN1, IN2, EN1, EN2, nSLEEP, nFAULT)
–0.3
7
V
VBB to OUTx
-0.6
40
V
OUTx to SENSE
-0.6
40
V
VSense
Sense voltage (SENSE)
-0.5
1.0
v
H-bridge output current (OUT1, OUT2, SENSE)
0
2.8
A
VPROPI pin voltage range (VPROPI)
-0.3
3.6
V
TA
Operating ambient temperature
-40
85
Tj
Operating junction temperature
-40
190
°C
Tstg
Storage temperature range
-40
125
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
ELECTROSTATIC DISCHARGE PROTECTION
MIN
MAX
UNIT
HBM on any other pin
2000
V
Charge Device Model (CDM)
500
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DRV8816


Similar Part No. - DRV8816PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8816PWPR TI1-DRV8816PWPR Datasheet
861Kb / 17P
[Old version datasheet]   DMOS DUAL 1/2-H-BRIDGE MOTOR DRIVERS
DRV8816PWPR TI1-DRV8816PWPR Datasheet
1Mb / 27P
[Old version datasheet]   DMOS Dual 1/2-H-Bridge Motor Drivers
More results

Similar Description - DRV8816PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8816 TI1-DRV8816 Datasheet
861Kb / 17P
[Old version datasheet]   DMOS DUAL 1/2-H-BRIDGE MOTOR DRIVERS
DRV8816 TI1-DRV8816_15 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS Dual 1/2-H-Bridge Motor Drivers
DRV8816 TI-DRV8816_15 Datasheet
985Kb / 27P
[Old version datasheet]   DRV8816 DMOS Dual 1/2-H-Bridge Motor Drivers
logo
Allegro MicroSystems
2993 ALLEGRO-2993 Datasheet
116Kb / 8P
   DUAL H-BRIDGE MOTOR DRIVERS
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com