Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4727AIPW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4727AIPW
Description  e-trim 20MHz, High Precision CMOS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4727AIPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA4727AIPW Datasheet HTML 2Page - Texas Instruments OPA4727AIPW Datasheet HTML 3Page - Texas Instruments OPA4727AIPW Datasheet HTML 4Page - Texas Instruments OPA4727AIPW Datasheet HTML 5Page - Texas Instruments OPA4727AIPW Datasheet HTML 6Page - Texas Instruments OPA4727AIPW Datasheet HTML 7Page - Texas Instruments OPA4727AIPW Datasheet HTML 8Page - Texas Instruments OPA4727AIPW Datasheet HTML 9Page - Texas Instruments OPA4727AIPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
100M
180
160
140
120
100
80
60
40
20
0
–20
180
160
140
120
100
80
60
40
20
0
–20
Phase
Gain
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
120
100
80
60
40
20
0
(V–)
V
(V+) – 2V
£
£
CM
Frequency (Hz)
100
1k
10k
100k
1M
10M
100M
100
90
80
70
60
50
40
30
20
10
0
Frequency (Hz)
10k
100k
1M
10M
7
6
5
4
3
2
1
0
V = 6V
S
±
Indicates maximum output
for no visible distortion.
Frequency (Hz)
1k
10k
100k
1M
10M
100M
140
120
100
80
60
40
20
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
1000
100
10
1
OPA727,, OPA2727
OPA4727, OPA728
SBOS314H – SEPTEMBER 2004 – REVISED APRIL 2007
At T
A = +25°C, VS = ±6V, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
GAIN AND PHASE vs FREQUENCY
COMMON-MODE REJECTION RATIO vs FREQUENCY
Figure 1.
Figure 2.
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Figure 3.
Figure 4.
INPUT VOLTAGE NOISE SPECTRAL DENSITY
CHANNEL SEPARATION vs FREQUENCY
vs FREQUENCY
Figure 5.
Figure 6.
6
Submit Documentation Feedback


Similar Part No. - OPA4727AIPW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4727 BURR-BROWN-OPA4727 Datasheet
537Kb / 20P
   20MHz, High Precision CMOS Operational Amplifier
More results

Similar Description - OPA4727AIPW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA727 BURR-BROWN-OPA727 Datasheet
537Kb / 20P
   20MHz, High Precision CMOS Operational Amplifier
logo
Texas Instruments
INA592 TI1-INA592 Datasheet
442Kb / 20P
[Old version datasheet]   High-Precision, Wide-Bandwidth e-trim Difference Amplifier
INA592 TI-INA592_V03 Datasheet
3Mb / 45P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V02 Datasheet
3Mb / 47P
[Old version datasheet]   INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V02 Datasheet
3Mb / 45P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI1-INA597 Datasheet
1Mb / 40P
[Old version datasheet]   INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V04 Datasheet
3Mb / 48P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V01 Datasheet
2Mb / 44P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V01 Datasheet
2Mb / 42P
[Old version datasheet]   INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
OPA192 TI1-OPA192 Datasheet
2Mb / 35P
[Old version datasheet]   High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com