Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2727AIDG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA2727AIDG4
Description  e-trim 20MHz, High Precision CMOS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2727AIDG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2727AIDG4 Datasheet HTML 6Page - Texas Instruments OPA2727AIDG4 Datasheet HTML 7Page - Texas Instruments OPA2727AIDG4 Datasheet HTML 8Page - Texas Instruments OPA2727AIDG4 Datasheet HTML 9Page - Texas Instruments OPA2727AIDG4 Datasheet HTML 10Page - Texas Instruments OPA2727AIDG4 Datasheet HTML 11Page - Texas Instruments OPA2727AIDG4 Datasheet HTML 12Page - Texas Instruments OPA2727AIDG4 Datasheet HTML 13Page - Texas Instruments OPA2727AIDG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
400ns/div
G=+1
R =10k
C =20pF
L
L
W
200ns/div
O PA 7 2 7
C =2pF
F
C =3pF
F
C =4pF
F
C
20pF
L
G= –1
C
F
R
F
10kW
10kW
400ns/div
C
4pF
F
C
20pF
L
G= –1
R
F
10kW
10kW
O PA 7 2 7
OPA727,, OPA2727
OPA4727, OPA728
SBOS314H – SEPTEMBER 2004 – REVISED APRIL 2007
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, VS = ±6V, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
LARGE-SIGNAL STEP RESPONSE
SMALL-SIGNAL STEP RESPONSE
Figure 25.
Figure 26.
LARGE-SIGNAL STEP RESPONSE
Figure 27.
10
Submit Documentation Feedback


Similar Part No. - OPA2727AIDG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2727 BURR-BROWN-OPA2727 Datasheet
537Kb / 20P
   20MHz, High Precision CMOS Operational Amplifier
More results

Similar Description - OPA2727AIDG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA727 BURR-BROWN-OPA727 Datasheet
537Kb / 20P
   20MHz, High Precision CMOS Operational Amplifier
logo
Texas Instruments
INA592 TI1-INA592 Datasheet
442Kb / 20P
[Old version datasheet]   High-Precision, Wide-Bandwidth e-trim Difference Amplifier
INA592 TI-INA592_V03 Datasheet
3Mb / 45P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V02 Datasheet
3Mb / 47P
[Old version datasheet]   INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V02 Datasheet
3Mb / 45P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI1-INA597 Datasheet
1Mb / 40P
[Old version datasheet]   INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V04 Datasheet
3Mb / 48P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V01 Datasheet
2Mb / 44P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V01 Datasheet
2Mb / 42P
[Old version datasheet]   INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
OPA192 TI1-OPA192 Datasheet
2Mb / 35P
[Old version datasheet]   High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com