Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGH15N120RUF Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. SGH15N120RUF
Description  Short Circuit Rated IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

SGH15N120RUF Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2002 Fairchild Semiconductor Corporation
SGH15N120RUF Rev. B2
IGBT
SGH15N120RUF
Short Circuit Rated IGBT
General Description
Fairchild's RUF series of Insulated Gate Bipolar Transistors
(IGBTs) provide low conduction and switching losses as
well as short circuit ruggedness. The RUF series is
designed
for
applications
such
as
motor
control,
uninterrupted power supplies (UPS) and general inverters
where short circuit ruggedness is a required feature.
Features
• Short circuit rated 10
µs @ T
C = 100°C, VGE = 15V
• High speed switching
• Low saturation voltage : VCE(sat) = 2.3 V @ IC = 15A
• High input impedance
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Notes :
(1) Repetitive rating : Pulse width limited by max. junction temperature
Thermal Characteristics
Symbol
Description
SGH15N120RUF
Units
VCES
Collector-Emitter Voltage
1200
V
VGES
Gate-Emitter Voltage
± 25
V
IC
Collector Current
@ TC = 25°C24
A
Collector Current
@ TC = 100°C15
A
ICM (1)
Pulsed Collector Current
45
A
TSC
Short Circuit Withstand Time
@ TC = 100°C10
µs
PD
Maximum Power Dissipation
@ TC = 25°C
180
W
Maximum Power Dissipation
@ TC = 100°C72
W
TJ
Operating Junction Temperature
-55 to +150
°C
Tstg
Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temp. for soldering
Purposes, 1/8” from case for 5 seconds
300
°C
Symbol
Parameter
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.69
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W
Applications
AC & DC motor controls, general purpose inverters, robotics, and servo controls.
G
C
E
G
C
E
G C E
TO-3P


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SGH15N120RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP10N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGW5N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
CPU165MKIGBT SIP MODULE Short Circuit Rated UltraFast IGBT 1 2 International Rectifier
SGH15N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP10N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
CPU165MMIGBT SIP MODULE Short Circuit Rated Fast IGBT 1 2 International Rectifier
CPV364MMShort Circuit Rated Fast IGBT 1 2 International Rectifier
SGH15N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP15N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn