Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGH13N60UFD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. SGH13N60UFD
Description  FEATURES
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

SGH13N60UFD Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
* High Speed Switching
* Low Saturation Voltage
: V
CE(sat) = 1.95 V (@ Ic=6.5A)
* High Input Impedance
*CO-PAK, IGBT with FRD
: Trr = 37nS (typ.)
APPLICATIONS
* AC & DC Motor controls
* General Purpose Inverters
* Robotics , Servo Controls
* Power Supply
* Lamp Ballast
ABSOLUTE MAXIMUM RATINGS
Notes:(1) Repetitive rating : Pulse width limited by max. junction temperature
Symbol
V
CES
V
GES
I
C
I
CM (1)
I
F
I
FM
P
D
Tj
Tstg
TL
Characteristics
Collector-Emitter Voltage
Gate-Emitter Voltage
Collector Current @ Tc = 25
°C
Collector Current @ Tc = 100
°C
Pulsed Collector Current
Diode Continuous Forward Current @ Tc = 100
°C
Diode Maximum Forward Current
Maximum Power Dissipation @Tc = 25
°C
Maximum Power Dissipation @Tc = 100
°C
Operating Junction Temperature
Storage Temperature Range
Maximum Lead Temp. For Soldering
Purposes, 1/8” from case for 5 seconds
Rating
600
±20
13
6.5
52
8
56
60
25
-55 ~ 150
-55 ~ 150
300
Units
V
V
A
A
A
A
A
W
W
°C
°C
°C
G
C
E
TO-3P
SGH13N60UFD
N-CHANNEL IGBT
©1999 Fairchild Semiconductor Corporation
Rev.B


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn