Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGH13N60UFD Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. SGH13N60UFD
Description  FEATURES
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

SGH13N60UFD Datasheet(HTML) 6 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Fig.8 Typical Switching Loss vs.
Gate Resistance
Fig.9 Typical Switching Loss vs.
Case Temperature
Fig.10 Typical Switching loss vs.
Collector to Emitter Current
Fig.11 Turn-off SOA
0
100
200
300
400
0
100
200
300
400
500
Vcc = 300V
Ic = 6.5A
Esw
Eon
Eoff
Rg [
+ ]
4
6
8
10
12
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Vcc = 300V
Rg =50
Tc = 100

Eon
Eoff
Esw
Ic [A]
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Vcc = 300V
Rg =50
Vge = 15V
Ic = 3A
Ic = 6.5A
Ic =13A
Tc [
]
1
10
100
1000
1
10
100
Safe Operating Area
Vge = 20V, Tc = 100

Vce [V]
SGH13N60UFD
N-CHANNEL IGBT


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn