Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGH13N60UFD Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. SGH13N60UFD
Description  FEATURES
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

SGH13N60UFD Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (DIODE PART)
(Tc=25
°C,Unless Otherwise Specified)
Min
Test Conditions
IF=8.0A
IF=8.0A, VR=200V
-di/dt=200A/uS
Tc =25
°C
Tc =100
°C
Tc =25
°C
Tc =100
°C
Tc =25
°C
Tc =100
°C
Tc =25
°C
Tc =100
°C
Characteristics
Diode Forward Voltage
Diode Reverse
Recovery Time
Diode Peak Reverse
Recovery Current
Diode Reverse
Recovery Charge
Symbol
VFM
Trr
Irr
Qrr
Min
-
-
-
-
-
-
-
-
Typ
1.4
1.3
37
55
3.5
4.5
65
124
Max
1.7
-
55
-
5.0
-
138
-
Units
V
nS
A
nC
THERMAL RESISTANCE
Symbol
RθJC
RθJC
RθJA
RθCS
Characteristics
Junction-to-Case (IGBT)
Junction-to-Case (DIODE)
Junction-to-Ambient
Case-to-Sink
Units
°C/W
°C/W
°C/W
°C/W
Typ
-
-
-
0.24
Max
2.0
3.5
40
-
Min
-
-
-
-
SGH13N60UFD
N-CHANNEL IGBT


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn