Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4561C Datasheet(PDF) 10 Page - Texas Instruments

Part # PT4561C
Description  30-W 48-V Input Isolated DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4561C Datasheet(HTML) 10 Page - Texas Instruments

Back Button PT4561C Datasheet HTML 4Page - Texas Instruments PT4561C Datasheet HTML 5Page - Texas Instruments PT4561C Datasheet HTML 6Page - Texas Instruments PT4561C Datasheet HTML 7Page - Texas Instruments PT4561C Datasheet HTML 8Page - Texas Instruments PT4561C Datasheet HTML 9Page - Texas Instruments PT4561C Datasheet HTML 10Page - Texas Instruments PT4561C Datasheet HTML 11Page - Texas Instruments PT4561C Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
PT4561A
LIFEBUY SIP MODULE
ENA
19
10
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
-40 to 85
PT4561C
LIFEBUY SIP MODULE
ENC
19
10
Pb-Free
(RoHS)
Call TI
Level-3-215C-168HRS
-40 to 85
PT4561N
LIFEBUY SIP MODULE
END
19
10
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
-40 to 85
PT4562C
LIFEBUY SIP MODULE
ENC
19
10
Pb-Free
(RoHS)
Call TI
Level-3-215C-168HRS
-40 to 85
PT4562N
LIFEBUY SIP MODULE
END
19
10
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
-40 to 85
PT4563A
OBSOLETE SIP MODULE
ENA
19
TBD
Call TI
Call TI
-40 to 85
PT4563C
LIFEBUY SIP MODULE
ENC
19
10
Pb-Free
(RoHS)
Call TI
Level-3-215C-168HRS
-40 to 85
PT4563N
LIFEBUY SIP MODULE
END
19
10
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
-40 to 85
PT4564C
LIFEBUY SIP MODULE
ENC
19
10
TBD
Call TI
Level-3-215C-168HRS
-40 to 85
PT4564N
LIFEBUY SIP MODULE
END
19
10
TBD
Call TI
Level-1-215C-UNLIM
-40 to 85
PT4566C
LIFEBUY SIP MODULE
ENC
19
10
TBD
Call TI
Level-3-215C-168HRS
-40 to 85
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)


Similar Part No. - PT4561C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4561 TI-PT4561 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
More results

Similar Description - PT4561C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4582 TI-PT4582 Datasheet
181Kb / 9P
[Old version datasheet]   30-W 24/48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com