Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC179PE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75LBC179PE4
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC179PE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75LBC179PE4 Datasheet HTML 2Page - Texas Instruments SN75LBC179PE4 Datasheet HTML 3Page - Texas Instruments SN75LBC179PE4 Datasheet HTML 4Page - Texas Instruments SN75LBC179PE4 Datasheet HTML 5Page - Texas Instruments SN75LBC179PE4 Datasheet HTML 6Page - Texas Instruments SN75LBC179PE4 Datasheet HTML 7Page - Texas Instruments SN75LBC179PE4 Datasheet HTML 8Page - Texas Instruments SN75LBC179PE4 Datasheet HTML 9Page - Texas Instruments SN75LBC179PE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SN75LBC179, SN65LBC179, SN65LBC179Q
LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SLLS173F − JANUARY 1994 − REVISED APRIL 2006
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOD
Vtest
R1
375
0 V or 3 V
Z
D
R2
375
Vtest
Y
RL = 60 Ω
− 7 V < Vtest < 12 V
Figure 2. Differential Output Voltage Test Circuit
0 V
3 V
tt(OD)
tt(OD)
1.5 V
td(ODH)
50%
Output
Input
TEST CIRCUIT
VOLTAGE WAVEFORMS
td(ODL)
RL = 54 Ω
Output
Generator
(see Note A)
50
1.5 V
50%
2.5 V
− 2.5 V
CL = 50 pF
(see Note B)
1.5 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO =50 Ω.
B. CL includes probe and jig capacitance.
Figure 3. Driver Test Circuits and Differential Output Delay and Transition Time Voltage Waveforms
TEST CIRCUIT
VOLTAGE WAVEFORMS
VOL
VOH
3 V
0 V
tPHL
tPLH
Output
Input
1.3 V
1.5 V
1.3 V
50
Output
1.5 V
Generator
(see Note A)
A
B
tt
90%
10%
10%
90%
tt
CL = 15 pF
(see Note B)
1.5 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO =50 Ω.
B. CL includes probe and jig capacitance.
Figure 4. Receiver Test Circuit and Propagation Delay and Transition Time Voltage Waveforms


Similar Part No. - SN75LBC179PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC179P TI-SN75LBC179P Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com