Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1704EG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # DF1704EG4
Description  Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DF1704EG4 Datasheet(HTML) 3 Page - Texas Instruments

  DF1704EG4 Datasheet HTML 1Page - Texas Instruments DF1704EG4 Datasheet HTML 2Page - Texas Instruments DF1704EG4 Datasheet HTML 3Page - Texas Instruments DF1704EG4 Datasheet HTML 4Page - Texas Instruments DF1704EG4 Datasheet HTML 5Page - Texas Instruments DF1704EG4 Datasheet HTML 6Page - Texas Instruments DF1704EG4 Datasheet HTML 7Page - Texas Instruments DF1704EG4 Datasheet HTML 8Page - Texas Instruments DF1704EG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DF1704
3
SBAS099A
ELECTRICAL CHARACTERISTICS
All specifications at +25
°C, V
DD = +5V, unless otherwise noted.
DF1704E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
24
Bits
INPUT DATA FORMAT
Audio Data Interface Format
Standard /Left-Justified /I2S
Audio Data Bit Length
16/20/24 Selectable
Audio Data Format
MSB-First, Two’s Binary Comp
Sampling Frequency (fS)
32
96
kHz
System Clock Frequency
256/384/512/ 768fS
OUTPUT DATA FORMAT
Audio Data Interface Format
Right-Justified
Audio Data Bit Length
16/20/24 Selectable
Audio Data Format
MSB-First, Binary Two’s Complement
DIGITAL INPUT/OUTPUT
Input Logic Level:
VIH
2.0
V
VIL
0.8
V
Output Logic Level: VOH
IOH = 2mA
4.5
V
VOL
IOL = 4mA
0.5
V
CLKO AC CHARACTERISTICS
Rise Time (tR)
20% to 80% VDD, 10pF
4
ns
Fall Time
(tF)
80% to 20% VDD, 10pF
3
ns
Duty Cycle
10pF Load
37
%
DIGITAL FILTER PERFORMANCE
Filter Characteristics 1 (Sharp Roll-Off)
Passband
±0.00005dB
0.454fS
–3dB
0.493fS
Stopband
0.546fS
Passband Ripple
±0.00005
dB
Stopband Attenuation
Stopband = 0.546fS
–115
dB
Filter Characteristics 2 (Sharp Roll-Off)
Passband Ripple
±0.0001dB
0.254fS
–3dB
0.460fS
Stopband
0.732fS
Passband Ripple
±0.0001
dB
Stopband Attenuation
Stopband = 0.748fS
–100
dB
Delay Time
45.125/fS
sec
De-Emphasis Error
±0.003
dB
POWER SUPPLY REQUIREMENTS
Voltage Range
VDD
4.5
5
5.5
VDC
Supply Current: IDD
20
30
mA
Power Dissipation
100
150
mW
TEMPERATURE RANGE
Operation
–25
+85
°C
Storage
–55
+100
°C


Similar Part No. - DF1704EG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DF1704EG4 BURR-BROWN-DF1704EG4 Datasheet
222Kb / 16P
   Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DF1704EG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DF1704 BURR-BROWN-DF1704 Datasheet
222Kb / 16P
   Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DF1706 TI-DF1706 Datasheet
291Kb / 16P
[Old version datasheet]   Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
DF1706 TI1-DF1706_14 Datasheet
468Kb / 21P
[Old version datasheet]   Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
PCM1704 TI-PCM1704 Datasheet
558Kb / 13P
[Old version datasheet]   SAMPLING FREQUENCY (fS): 16kHz to 96kHz, 8X OVERSAMPLING AT 96kHz
logo
Wolfson Microelectronic...
WM8714 WOLFSON-WM8714 Datasheet
157Kb / 17P
   24-bit, 96kHz Stereo DAC
logo
Linear Technology
LTC2500-32 LINER-LTC2500-32 Datasheet
771Kb / 10P
   32-Bit/24-Bit Oversampling ADCs with Configurable Digital Filter
logo
YAMAHA CORPORATION
YSF210B YAMAHA-YSF210B Datasheet
405Kb / 10P
   22-bit Oversampling Digital Filter
logo
Wolfson Microelectronic...
WM8720 WOLFSON-WM8720 Datasheet
116Kb / 15P
   24-bit, 96kHz Stereo DACwith Volume Control
logo
Asahi Kasei Microsystem...
AK4344 AKM-AK4344 Datasheet
553Kb / 24P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4344 AKM-AK4344_10 Datasheet
413Kb / 25P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com