Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X-2064867-X Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # X-2064867-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X-2064867-X Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button X-2064867-X Datasheet HTML 46Page - List of Unclassifed Manufacturers X-2064867-X Datasheet HTML 47Page - List of Unclassifed Manufacturers X-2064867-X Datasheet HTML 48Page - List of Unclassifed Manufacturers X-2064867-X Datasheet HTML 49Page - List of Unclassifed Manufacturers X-2064867-X Datasheet HTML 50Page - List of Unclassifed Manufacturers X-2064867-X Datasheet HTML 51Page - List of Unclassifed Manufacturers X-2064867-X Datasheet HTML 52Page - List of Unclassifed Manufacturers X-2064867-X Datasheet HTML 53Page - List of Unclassifed Manufacturers X-2064867-X Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
50
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
Note: All part numbers are RoHS compliant.
Tooling (Continued)
Hand Held Precision
Cleaver
Part Number 1871696-1
Product Facts
I
Operator independent =
no craft sensitivity =
consistent cleave every time
I
Hand held operation
I
10,000 cleave blade life
I
4, 6, 8, 10, and 18
millimeter cleave lengths
I
Product specific markings
for LIGHTCRIMP PLUS and
MT-RJ jack connectors,
CORELINK splice, and
fusion splicing
I
Cleaved surface angle < 1.5°
I
No lip, no fracture, and
no roll-off
I
Padded belt case for
convenience and storage
I
Neck lanyard included
TE’s hand held precision
fiber cleaver provides
precision quality cleaves
with the feel and robustness
of a full scale precision
cleaver in a hand held
size at an exceptionally
competitive price. The
detailed scale markings
indicate proper cleave
lengths for popular TE field
installable fiber optic
connectors and mechanical
splices in addition to the
standard numerical markings
for other applications
including fusion splicing.
The included belt pouch
and neck lanyard ensure
that the cleaver is always
within reach.
Applications
Affordable precision cleav-
ing solution for:
I
Field installable mechani-
cal splice connectors
I
Fusion splicing
I
Mechanical splicing
I
Bare fiber adapters
Product Dimensions
Length — 74 mm [2.913 in.]
Width — 65.5 mm [2.578 in.]
Thickness — 33.5 mm [1.318 in.]
Weight — 136 g [0.30 lb.]


Similar Part No. - X-2064867-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
X-206425-X TEC-X-206425-X Datasheet
342Kb / 1P
   APPLICATION RANGE
More results

Similar Description - X-2064867-X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com