Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGF5N150UF Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SGF5N150UF
Description  General Description
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGF5N150UF Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SGF5N150UF Datasheet HTML 1Page - Fairchild Semiconductor SGF5N150UF Datasheet HTML 2Page - Fairchild Semiconductor SGF5N150UF Datasheet HTML 3Page - Fairchild Semiconductor SGF5N150UF Datasheet HTML 4Page - Fairchild Semiconductor SGF5N150UF Datasheet HTML 5Page - Fairchild Semiconductor SGF5N150UF Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SGF5N150UF Rev. B
©2003 Fairchild Semiconductor Corporation
010
20
30
0
2
4
6
8
10
Common Emitter
R
L
= 120
Ω, V
CC
= 600V
T
C = 25
o
C
Gate Charge, Qg [nC]
20
40
60
80
100
200
400
600
800
1000
1200
Vcc = 600V
Rg = 10
Vge = 10V
Ic = 3A
Ic = 5A
Ic = 10A
Tc [℃]
0
5
10
15
20
25
30
100
200
300
400
500
600
Vcc = 600V
Ic = 5A
Esw
Eon
Eoff
Rg [
]
110
0
200
400
600
800
1000
1200
Cres
Coes
Cies
Vce [V]
Fig 8. Typical Gate Charge Characteristic
Fig 9. Typical Switching Loss vs.
Gate Resistance
Fig 10. Typical Switching Loss vs.
Case Temperature
Fig 11. Typical Switching Loss vs.
Collector Current
Fig 12. Turn-Off SOA
46
8
10
0.2
0.4
0.6
0.8
1.0
1.2
Vcc = 600V
Rg = 10
Tc = 100℃
Eon
Eoff
Esw
Ic [A]
1
10
100
1000
1
10
Safe Operating Area
Vge = 20V, Tc = 100℃
Vce [V]
Fig 7. Typical Capacitance vs.
Collector to Emitter Voltage


Similar Part No. - SGF5N150UF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGF-41(T)-4 ETC2-SGF-41(T)-4 Datasheet
232Kb / 8P
   Crimping tools and machines
SGF-51(T)-5 ETC2-SGF-51(T)-5 Datasheet
232Kb / 8P
   Crimping tools and machines
logo
Fairchild Semiconductor
SGF15N60RUFD FAIRCHILD-SGF15N60RUFD Datasheet
671Kb / 8P
   Short Circuit Rated IGBT
SGF15N90D FAIRCHILD-SGF15N90D Datasheet
365Kb / 7P
   General Description
SGF23N60UF FAIRCHILD-SGF23N60UF Datasheet
543Kb / 7P
   Ultra-Fast IGBT
More results

Similar Description - SGF5N150UF

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6205EM5-L-3-3 EXAR-SP6205EM5-L-3-3 Datasheet
1Mb / 14P
   GENERAL DESCRIPTION
logo
Fairchild Semiconductor
SGL40N150 FAIRCHILD-SGL40N150 Datasheet
351Kb / 7P
   General Description
SGR20N40L FAIRCHILD-SGR20N40L Datasheet
149Kb / 5P
   General Description
logo
Aplus Intergrated Circu...
AP778 APLUS-AP778 Datasheet
684Kb / 12P
   GENERAL DESCRIPTION
logo
First Silicon Co., Ltd
FTK0903D FS-FTK0903D Datasheet
1,018Kb / 5P
   General Description
logo
Taiwan Memory Technolog...
I709X TMT-I709X Datasheet
77Kb / 1P
   General Description
logo
Samsung semiconductor
KS7308 SAMSUNG-KS7308 Datasheet
96Kb / 13P
   GENERAL DESCRIPTION
logo
Fairchild Semiconductor
SGR15N40L FAIRCHILD-SGR15N40L Datasheet
169Kb / 7P
   General Description
logo
List of Unclassifed Man...
05H12 ETC-05H12 Datasheet
8Kb / 1P
   General Description
logo
National Semiconductor ...
COP688CL NSC-COP688CL Datasheet
445Kb / 40P
   General Description
logo
New Jersey Semi-Conduct...
B2-8Z NJSEMI-B2-8Z Datasheet
86Kb / 2P
   GENERAL DESCRIPTION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com