Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM358-N Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM358-N
Description  LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM358-N Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM358-N Datasheet HTML 3Page - Texas Instruments LM358-N Datasheet HTML 4Page - Texas Instruments LM358-N Datasheet HTML 5Page - Texas Instruments LM358-N Datasheet HTML 6Page - Texas Instruments LM358-N Datasheet HTML 7Page - Texas Instruments LM358-N Datasheet HTML 8Page - Texas Instruments LM358-N Datasheet HTML 9Page - Texas Instruments LM358-N Datasheet HTML 10Page - Texas Instruments LM358-N Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LM158-N, LM258-N, LM2904-N, LM358-N
www.ti.com
SNOSBT3H – JANUARY 2000 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS (continued)
V
+ = +5.0V, See(1), unless otherwise stated
LM358
LM2904
Units
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Large Signal Voltage Gain
V+ = +15V
(VO = 1V to 11V)
15
15
V/mV
RL ≥ 2 kΩ
Output
VOH V
+ = +30V
RL = 2 kΩ
26
22
V
Voltage
(LM2904, V+ = 26V)
RL = 10 kΩ
27
28
23
24
V
Swing
VOL V
+ = 5V, R
L = 10 kΩ
5
20
5
100
mV
Output Current
Source VIN
+ = +1V, V
IN
= 0V,
10
20
10
20
mA
V+ = 15V, VO = 2V
Sink VIN
= +1V, V
IN
+ = 0V,
5
8
5
8
mA
V+ = 15V, VO = 2V
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM158-N LM258-N LM2904-N LM358-N


Similar Part No. - LM358-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM358-N TI-LM358-N Datasheet
1Mb / 33P
[Old version datasheet]   LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
LM358-N TI1-LM358-N Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power, Dual-Operational Amplifiers
More results

Similar Description - LM358-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM158-N TI1-LM158-N Datasheet
1Mb / 27P
[Old version datasheet]   LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
LM358H TI-LM358H Datasheet
1Mb / 33P
[Old version datasheet]   LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com