Electronic Components Datasheet Search |
|
X-2064869-X Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers |
|
X-2064869-X Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers |
73 / 100 page 73 Catalog 1307895 Dimensions are shown for Dimensions are in millimeters Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and inches unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 Fiber Optic Products Catalog 5 FULLAXS Fiber to the Antenna Rugged Interconnect Product Facts I Open bulkhead for easy access to SFP I Positive feedback to operator when fully mated I One-hand mating I Duplex LC interface I Bulkhead cutouts allow for removal of transceiver through the bulkhead (no need to open RRH for transceiver replacement) I Robust bayonet locking for easy, fast, and secure mating I Multimode and singlemode I Water proof, dust proof and corrosion resistant I Expansion to RJ45, etc I Plug has tolerance free design, fully free floating in Z-axis I No Cable buckling at any time during or after installation I Cost effective glass-filled polymer or metal diecasted bulkhead I Field installable version available Specifications Temperature — –40°C – +85°C 150 N Pull Force — per IEC61300-2-4 Protection Class — IP67 Cycles — 50 Mating Cycles Vibration — per GR3115 (3.26.3) Salt Mist — per IEC 61300-2-26 Vibration — per IEC 61300-2-1 Shock — per IEC 61300-2-9 Impact — IEC 61300-2-12 Temperature / Humidity — IEC 61300-2-22 Mechanical Retention — 150 N cable retention Rating — IP67 Rated Interface — LC interface Adapter Footprint — 36 mm x 36 mm Locking Style — Bayonet style Duplex LC Interconnect — MM or SM Tools — No tools required Operating Temperature — –40°C to +85°C Mating Durability — min. 50 cycles |
Similar Part No. - X-2064869-X |
|
Similar Description - X-2064869-X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |