Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2642MTC Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2642MTC
Description  LM2642 Two-Phase Synchronous Step-Down Switching Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2642MTC Datasheet(HTML) 3 Page - Texas Instruments

  LM2642MTC Datasheet HTML 1Page - Texas Instruments LM2642MTC Datasheet HTML 2Page - Texas Instruments LM2642MTC Datasheet HTML 3Page - Texas Instruments LM2642MTC Datasheet HTML 4Page - Texas Instruments LM2642MTC Datasheet HTML 5Page - Texas Instruments LM2642MTC Datasheet HTML 6Page - Texas Instruments LM2642MTC Datasheet HTML 7Page - Texas Instruments LM2642MTC Datasheet HTML 8Page - Texas Instruments LM2642MTC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LM2642
www.ti.com
SNVS203I – MAY 2002 – REVISED APRIL 2013
system.
ON/SS1 (Pin 9) Channel 1 enable pin. This pin is internally pulled up to one diode drop above VLIN5. Pulling
this pin below 1.2V (open-collector type) turns off Channel 1. If both ON/SS1 and ON/SS2 pins are pulled
below 1.2V, the whole chip goes into shut down mode. Adding a capacitor to this pin provides a soft-start
feature that minimizes inrush current and output voltage overshoot.
ON/SS2 (Pin 10) Channel 2 enable pin. See the description for Pin 9, ON/SS1. May be connected to ON/SS1 for
simultaneous startup or for parallel operation.
FB2 (Pin 11) Feedback input for channel 2. Connect to VOUT through a voltage divider to set the Channel 2
output voltage.
COMP2 (Pin 12) Compensation pin for Channel 2. This is the output of the internal transconductance amplifier.
The compensation network should be connected between this pin and the signal ground SGND (Pin 8).
ILIM2 (Pin 13) Current limit threshold setting for Channel 2. See ILIM1 (Pin 2).
KS2 (Pin 14) The positive (+) Kelvin sense for the internal current sense amplifier of Channel 2. See KS1 (Pin 1).
RSNS2 (Pin 15) The negative (-) Kelvin sense for the internal current sense amplifier of Channel 2. Connect this
pin to the low side of the current sense resistor that is placed between VIN and the drain of the top
MOSFET. When the Rds of the top MOSFET is used for current sensing, connect this pin to the source of
the top MOSFET. Always use a separate trace to form a Kelvin connection to this pin.
SW2 (Pin 16) Switch-node connection for Channel 2, which is connected to the source of the top MOSFET of
Channel 2. It serves as the negative supply rail for the top-side gate driver, HDRV2.
HDRV2 (Pin 17) Top-side gate-drive output for Channel 2. HDRV is a floating drive output that rides on the
corresponding switching-node voltage.
CBOOT2 (Pin 18) Bootstrap capacitor connection. It serves as the positive supply rail for the Channel 2 top-side
gate drive. Connect this pin to VDD2 (Pin 19) through a diode, and connect the low side of the bootstrap
capacitor to SW2 (Pin16).
VDD2 (Pin 19) The supply rail for the Channel 2 low-side gate drive. Connected to VLIN5 (Pin 7) through a 4.7
resistor and bypassed to power ground with a ceramic capacitor of at least 1µF. Tie this pin to VDD1 (Pin
24).
LDRV2 (Pin 20) Low-side gate-drive output for Channel 2.
PGND (Pin 21) The power ground connection for both channels. Connect to the ground rail of the system.
VIN (Pin 22) The power input pin for the chip. Connect to the positive (+) input rail of the system. This pin must
be connected to the same voltage rail as the top FET drain (or the current sense resistor when used).
LDRV1 (Pin 23) Low-side gate-drive output for Channel 1.
VDD1 (Pin 24) The supply rail for Channel 1 low-side gate drive. Tie this pin to VDD2 (Pin 19).
CBOOT1 (Pin 25) Bootstrap capacitor connection. It serves as the positive supply rail for Channel 1 top-side gate
drive. See CBOOT2 (Pin 18).
HDRV1 (Pin 26) Top-side gate-drive output for Channel 1. See HDRV2 (Pin 17).
SW1 (Pin 27) Switch-node connection for Channel 1. See SW2 (Pin16).
RSNS1 (Pin 28) The negative (-) Kelvin sense for the internal current sense amplifier of Channel 1. See RSNS2
(Pin 15).
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2642


Similar Part No. - LM2642MTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2642MTC NSC-LM2642MTC Datasheet
643Kb / 20P
   Two-Phase Synchronous Step-Down Switching Controller
logo
Texas Instruments
LM2642MTC TI1-LM2642MTC Datasheet
1Mb / 31P
[Old version datasheet]   Two-Phase Synchronous Step-Down Switching Controller
LM2642MTC/NOPB TI1-LM2642MTC/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   Two-Phase Synchronous Step-Down Switching Controller
LM2642MTCX TI1-LM2642MTCX Datasheet
1Mb / 31P
[Old version datasheet]   Two-Phase Synchronous Step-Down Switching Controller
LM2642MTCX/NOPB TI1-LM2642MTCX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   Two-Phase Synchronous Step-Down Switching Controller
More results

Similar Description - LM2642MTC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2642 TI1-LM2642 Datasheet
1Mb / 31P
[Old version datasheet]   Two-Phase Synchronous Step-Down Switching Controller
logo
National Semiconductor ...
LM2642 NSC-LM2642 Datasheet
643Kb / 20P
   Two-Phase Synchronous Step-Down Switching Controller
LM2648 NSC-LM2648 Datasheet
1,017Kb / 23P
   Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
logo
Linear Technology
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2 Datasheet
401Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850 LINER-LTC3850 Datasheet
522Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2_15 Datasheet
413Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850EUFDTRPBF LINER-LTC3850EUFDTRPBF Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-1 LINER-LTC3850-1_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com