Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1278498-1 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # 1278498-1
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1278498-1 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button 1278498-1 Datasheet HTML 40Page - List of Unclassifed Manufacturers 1278498-1 Datasheet HTML 41Page - List of Unclassifed Manufacturers 1278498-1 Datasheet HTML 42Page - List of Unclassifed Manufacturers 1278498-1 Datasheet HTML 43Page - List of Unclassifed Manufacturers 1278498-1 Datasheet HTML 44Page - List of Unclassifed Manufacturers 1278498-1 Datasheet HTML 45Page - List of Unclassifed Manufacturers 1278498-1 Datasheet HTML 46Page - List of Unclassifed Manufacturers 1278498-1 Datasheet HTML 47Page - List of Unclassifed Manufacturers 1278498-1 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
44
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
FC Connector Kits
Note: All part numbers are RoHS compliant.
Singlemode Ceramic
Insertion Loss — 0.2dB
Reflectance — -59dB
Durability — 200 Cycles
Length —
Ferrule Tip to End of Boot
900 µm buffered — 35.0 mm
2.0 mm jacketed — 51.0 mm
3.0 mm jacketed — 51.0 mm
Instruction Sheet
408-8674
FC Connector Kits — Standard Kits
Fiber Type
Boot Color
Used with
Part Number
900 µm Buffered
6754264-2
Singlemode
Blue
2.0 mm Jacketed
5504915-2
3.0 mm Jacketed
5504649-1
FC Connector Kits —
Ceramic Ferrules
FC Square Flange Adapter
FC 8 mm/9 mm Dia. Round
FC 8 mm Dia. Round (Double D)
FC Simplex 8 mm/9 mm Dia. Round (D-Hole) Adapter — Metal
Alignment
Panel
Keyway
Part Numbers
Sleeve Material
Cut-out
Slot (Nom.)
Metal
D-Hole
Std.
5504407-1
(Copper)
2.33 mm
Ceramic
D-Hole
Std.
5504407-3
2.33 mm
Ceramic/APC
D-Hole
2.05 mm
5504407-8
Type R
Ceramic/APC
D-Hole
Prec.
5504407-7
2.02 mm
FC Simplex 8 mm Dia. Round (Double D-Hole) Adapter — Metal
Alignment
Panel
Keyway
Part Numbers
Sleeve Material
Cut-out
Slot (Nom.)
Metal
Double
Std.
5504013-1
D-Hole
2.33 mm
FC Simplex Square Flange Adapter — Metal
Alignment
Panel
Keyway
Part Numbers
Sleeve Material
Cut-out
Slot (Nom.)
Metal
Square
Std.
5501506-2
Flange
2.33 mm
Ceramic
Square
Std.
5501506-1
Flange
2.33 mm
FC to FC Adapters
4.75
[.187]
Ø 9.53
[.375]
2 Plcs.
4.75
[.187]
2 Plcs.
Ø 1.85
[.073]
2 Plcs.
Recommended Panel Cutout
Max. Panel Thk. 1.70 [.067]
Ø 9.30/9.10
[.366/.358]
3.73/3.63
[.147/.143]
Standard
Slot
Recommended Panel Cutout
Max. Panel Thk. 1.65 [.065]
Ø 9.80
[.386]
8.00
[.315]
Recommended Panel Cutout
Max. Panel Thk. 1.65 [.065]
FC Adapters


Similar Part No. - 1278498-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1278422-1 TEC-1278422-1 Datasheet
221Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
1278422-1 TEC-1278422-1 Datasheet
219Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
1278422-1 MACOM-1278422-1 Datasheet
98Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION.
logo
TE Connectivity Ltd
1278422-1 TEC-1278422-1 Datasheet
83Kb / 1P
   REVISED PER ECR 11-020518
logo
List of Unclassifed Man...
1278460000 ETC-1278460000 Datasheet
659Kb / 13P
   he WDK two-tier modular terminals can feed two potentials in one terminal.
More results

Similar Description - 1278498-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com