Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2751SD-A Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2751SD-A
Description  LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2751SD-A Datasheet(HTML) 2 Page - Texas Instruments

  LM2751SD-A Datasheet HTML 1Page - Texas Instruments LM2751SD-A Datasheet HTML 2Page - Texas Instruments LM2751SD-A Datasheet HTML 3Page - Texas Instruments LM2751SD-A Datasheet HTML 4Page - Texas Instruments LM2751SD-A Datasheet HTML 5Page - Texas Instruments LM2751SD-A Datasheet HTML 6Page - Texas Instruments LM2751SD-A Datasheet HTML 7Page - Texas Instruments LM2751SD-A Datasheet HTML 8Page - Texas Instruments LM2751SD-A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
1
2
3
4
5
10
9
8
7
6
Die-Attach Pad: GND
VOUT
C1+
VIN
CS0
CS1
C2+
C1-
GND
C2-
EN
1
2
3
4
5
10
9
8
7
6
Die-Attach Pad: GND
VOUT
C1+
VIN
CS0
CS1
C2+
C1-
GND
C2-
EN
Top View
Bottom View
LM2751
SNVS299B – APRIL 2005 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LM2751 provides excellent efficiency without the use of an inductor by operating the charge pump in a gain
of 3/2 or 2. The proper gain for maintaining regulation is chosen so that efficiency is maximized over the input
voltage range.
LM2751 uses constant frequency pre-regulation to minimize conducted noise on the input and provide a
predictable switching frequency. The switching frequency is programmable to 725kHz, 300kHz, 37kHz, or
9.5kHz.
LM2751 is available in a 10-pin SON No-Pullback Package.
Connection Diagram
Figure 1. 10-pin SON No Pullback Package (3mm × 3mm × 0.8mm)
See Package Number DSC0010A
PIN DESCRIPTIONS
Pin #
Name
Description
1
VOUT
Pre-Regulated Output.
2
C1+
Flying Capacitor C1 Connection.
3
VIN
Input Supply Range: 2.8V to 5.5V.
4
CS0
Frequency Select Input 0.
5
CS1
Frequency Select Input 1.
6
EN
Enable Pin Logic Input.
7
C2−
Flying Capacitor C2 Connection.
8
GND
Ground.
9
C1−
Flying Capacitor C1 Connection.
10
C2+
Flying Capacitor C2 Connection.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2751


Similar Part No. - LM2751SD-A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2751SD-A NSC-LM2751SD-A Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-A/NOPB TI1-LM2751SD-A/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
More results

Similar Description - LM2751SD-A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com