Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2751SD-A Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2751SD-A
Description  LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2751SD-A Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2751SD-A Datasheet HTML 5Page - Texas Instruments LM2751SD-A Datasheet HTML 6Page - Texas Instruments LM2751SD-A Datasheet HTML 7Page - Texas Instruments LM2751SD-A Datasheet HTML 8Page - Texas Instruments LM2751SD-A Datasheet HTML 9Page - Texas Instruments LM2751SD-A Datasheet HTML 10Page - Texas Instruments LM2751SD-A Datasheet HTML 11Page - Texas Instruments LM2751SD-A Datasheet HTML 12Page - Texas Instruments LM2751SD-A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
0
4
9
13
18
22
2.7
CIN = 1.0 F
COUT: 10 F
Capacitance,
300 kHz
COUT: 10 F
Capacitance,
725 kHz
COUT: 2.2 F
Capacitance,
300 kHz
COUT: 2.2 F
Capacitance,
725 kHz
LM2751
www.ti.com
SNVS299B – APRIL 2005 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TA = 25°C, VIN = 3.6V, CS0 = CS1 = VIN, V(EN) = VIN, CIN = COUT = 2.2µF, C1 = C2 = 1µF.
Output Voltage Ripple
vs. Input Voltage Version B (4.5V), Load = 120mA
Output Voltage Ripple, Version B (4.5V)
VIN = 3.6V, Load = 150mA
CH1: VOUT; Scale: 10mV/Div, AC Coupled
Time scale: 400ns/Div
Figure 14.
Figure 15.
Line Step Response, Version B (4.5V)
Load Step Response, Version B (4.5V)
VIN = 3.2V - 4.2V Step, Load = 150mA
VIN = 3.6V, Load = 20mA - 150mA Step
CH1 (top): VIN; Scale: 1V/Div, DC Coupled
CH1 (top): VOUT; Scale: 50mV/Div, AC Coupled
CH2: VOUT; Scale: 50mV/Div, AC Coupled
CH2: Output Current; Scale: 50mA/Div
Time scale: 200µs/Div
Time scale: 200µs/Div
Figure 16.
Figure 17.
Start-up Behavior, Version A (5V), Load = 80mA
Start-up Behavior, Version B (4.5V), Load = 150mA
CH1: EN pin; Scale: 2V/Div
CH1: EN pin; Scale: 2V/Div
CH2: VOUT; Scale: 2V/Div
CH2: VOUT; Scale: 2V/Div
Time scale: 100µs/Div
Time scale: 100µs/Div
Figure 18.
Figure 19.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2751


Similar Part No. - LM2751SD-A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2751SD-A NSC-LM2751SD-A Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-A/NOPB TI1-LM2751SD-A/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
More results

Similar Description - LM2751SD-A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com